Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSG00068 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG00068
Description  Audio / Video Cable Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG00068 Datasheet(HTML) 1 Page - Pro-Signal

  PSG00068 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
21/10/22
Audio / Video Cable Assembly
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Dimensions : Millimetres
Part Number Table
Description
Part Number
6.35mm Mono Jack to Jack Plug, 6m, Black
PSG00068
Specifications
Connector Type A
: 6.35mm (1/4″) Mono Plug
Connector Type B
: 6.35mm (1/4″) Mono Plug
Cable Length
: 6m (19.7ft)
Jacket Colour
: Black
Diagram


Similar Part No. - PSG00068

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PSG00065 MULTICOMP-PSG00065 Datasheet
137Kb / 1P
6.3mm Mono Plug to 6.3mm Mono Plug
V1.0 28/08/20
PSG00066 MULTICOMP-PSG00066 Datasheet
137Kb / 1P
6.3mm Mono Plug to 6.3mm Mono Plug
V1.0 28/08/20
PSG00067 MULTICOMP-PSG00067 Datasheet
137Kb / 1P
6.3mm Mono Plug to 6.3mm Mono Plug
V1.0 28/08/20
More results

Similar Description - PSG00068

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
AUDIO/VIDEO DECODER
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
Audio/Video Switch
logo
General Cable Technolog...
C1202 GENERAL-C1202 Datasheet
73Kb / 1P
Audio/Video & Broadcast Cable
C1331A GENERAL-C1331A Datasheet
74Kb / 1P
Audio/Video & Broadcast Cable
C1343A GENERAL-C1343A Datasheet
75Kb / 1P
Audio/Video & Broadcast Cable
logo
Level One
AVE-9200 LVL1-AVE-9200 Datasheet
905Kb / 3P
Cat.5 Audio/Video Receiver (incl. Cable)
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9304 LVL1-AVE-9304 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9316 LVL1-AVE-9316 Datasheet
1Mb / 4P
Audio/Video Extenders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com