Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31012R Datasheet(PDF) 1 Page - Pro-Signal

Part # 31012R
Description  RJ10 Plug to RJ10 Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31012R Datasheet(HTML) 1 Page - Pro-Signal

  31012R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
20/01/21
RJ10 Plug to RJ10 Plug
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Telephone Modular Cable, RJ10 Plug to RJ10 Plug, 3m, Black
PS11453
Specifications
Connector to Connector
: RJ10 Plug to RJ10 Plug
Cable Length
: 3m (9.8ft)
Jacket Colour
: Black


Similar Part No. - 31012R

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
31012 PROSIGNAL-31012 Datasheet
122Kb / 1P
Shinn Thon UK Ltd 1st Floor, 223 Dalton Road, Barrow in Furness, Cumbria.
logo
Weidmuller
3101200000 WEIDMULLER-3101200000 Datasheet
582Kb / 6P
BLF 5.08HC/06/180F AU OR BX
logo
PHOENIX CONTACT
3101223 PHOENIX-3101223 Datasheet
99Kb / 3P
MTKD-NICRSI/NISI
logo
Virginia Panel Corporat...
310128101 VPC-310128101 Datasheet
74Kb / 1P
i1 RECEIVER ASSEMBLY
logo
Pro-Signal
31012W PROSIGNAL-31012W Datasheet
122Kb / 1P
Shinn Thon UK Ltd 1st Floor, 223 Dalton Road, Barrow in Furness, Cumbria.
More results

Similar Description - 31012R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
135101-01-06.00 AMPHENOL-135101-01-06.00 Datasheet
46Kb / 1P
SMA PLUG TO SMA PLUG, RG316
135101-04-06.00 AMPHENOL-135101-04-06.00 Datasheet
41Kb / 1P
SMA PLUG TO SMA PLUG, RG58
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
Pasternack Enterprises,...
PE9118 PASTERNACK-PE9118 Datasheet
76Kb / 1P
SMB PLUG TO SMB PLUG
PE9680 PASTERNACK-PE9680 Datasheet
102Kb / 1P
PAL PLUG TO PAL PLUG
PE9696 PASTERNACK-PE9696 Datasheet
239Kb / 2P
FME Plug to FME Plug Adapter
logo
List of Unclassifed Man...
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
PPW00029 ETC2-PPW00029 Datasheet
161Kb / 1P
2.5mm DC Plug to Plug
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
logo
Bel Fuse Inc.
VA230 BEL-VA230 Datasheet
790Kb / 1P
Euro Plug to BNC Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com