Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP00667 Datasheet(PDF) 1 Page - Pro-Signal

Part # AP00667
Description  Coaxial Fly Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AP00667 Datasheet(HTML) 1 Page - Pro-Signal

  AP00667 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Length
Colour
Order Code
1m
White
370-9528
1m
Black
370-9530
2m
White
370-9449
2m
Black
370-9450
4m
White
370-9462
4m
Black
370-9504
10m
White
370-9565
10m
Black
370-9577
Price Each
Length
Colour
Order Code
1m
White
370-9516
1m
Black
370-9541
2m
White
370-9474
2m
Black
370-9486
4m
White
370-9498
4m
Black
370-9553
10m
White
370-9735
10m
Black
370-9747
Price Each
Length
Colour
Order Code
2m
White
427-4258
2m
Black
370-9644
4m
White
370-9656
4m
Black
370-9668
Price Each
Length
Colour
Order Code
2m
White
370-9590
2m
Black
370-9607
4m
White
370-9619
4m
Black
370-9620
Price Each
Length
Colour
Order Code
2m
White
370-9693
2m
Black
370-9700
Coaxial Fly Leads
High quality television and video coaxial fly leads with moulded end connections (75Ω).
Coaxial Plug to Coaxial Socket
Right Angled Coaxial Plug to Right Angled Coaxial Plug
Right Angled Coaxial Plug to Right Angled Coaxial Socket
Right Angled Coaxial Plug to Coaxial Plug
245906
Coaxial Plug to Coaxial Plug


Similar Part No. - AP00667

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AP00458 PROSIGNAL-AP00458 Datasheet
210Kb / 1P
Lead - Coaxial TV P-P
24/09/12 V1.0
AP00459 PROSIGNAL-AP00459 Datasheet
172Kb / 1P
Lead - Coaxial TV P-P
V1.0 17/09/12
AP00460 PROSIGNAL-AP00460 Datasheet
214Kb / 1P
Lead - Coaxial TV P-S
12/09/12 V1.0
AP00462 PROSIGNAL-AP00462 Datasheet
167Kb / 1P
Lead - Coaxial TV
V1.0 17/09/12
AP00463 PROSIGNAL-AP00463 Datasheet
172Kb / 1P
Lead - Coaxial TV P-P
V1.0 17/09/12
More results

Similar Description - AP00667

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5655 SANYO-LA5655 Datasheet
67Kb / 3P
Voltage Regulator for FLY Display Desk-Top Calculator
logo
AMETHERM Circuit Protec...
SL180R712 AMETHERM-SL180R712 Datasheet
158Kb / 1P
Inside Kinked Leads Outside Kinked Leads
logo
Rhombus Industries Inc.
T-750 RHOMBUS-IND-T-750 Datasheet
70Kb / 1P
Fly Back Transformer
4/26/97
T-751 RHOMBUS-IND-T-751 Datasheet
70Kb / 1P
Fly Back Transformer
2/6/97
T-932 RHOMBUS-IND-T-932 Datasheet
40Kb / 1P
Fly Back Transformer
7/1/97
T-1408 RHOMBUS-IND-T-1408 Datasheet
63Kb / 1P
Fly Back Transformer
logo
Adels-Contact
158203 ADELS-158203 Datasheet
124Kb / 1P
LEDtrack TAP/11-3 fly
158205 ADELS-158205 Datasheet
124Kb / 1P
LEDtrack TAP/11-5 fly
158207 ADELS-158207 Datasheet
124Kb / 1P
LEDtrack TAP/11-7 fly
158209 ADELS-158209 Datasheet
125Kb / 1P
LEDtrack TAP/11-9 fly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com