Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ11 Datasheet(PDF) 1 Page - Pro-Signal

Part # RJ11
Description  Wall Socket RJ11
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

RJ11 Datasheet(HTML) 1 Page - Pro-Signal

  RJ11 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Farnell Module Maintenance
Module: 543292
Width: 60.00mm
Operator: HARRISK
Print date & time: 10 Jan 2012
● 10:18
Externalrefs:
MAMRefs:
ModuleRefs:
TreeNodeRefs:
ProdRefs:
Primary ProdRefs:
SecondaryProdRefs:
SecProdRefsbymodname:
Division: Master Modules
Publication: PRODUCT PORTFOLIO
Book: DIRECT MAIL PORTFOLIO
Section: CPC
Product Group: DM PORTFOLIO
Product SubGroup: CPCDM_TE
Module: TE05834
IndexType: Descriptive Index
Primary word: RJ11
Secondary Word: Adaptors
Primary word: Sockets
Secondary Word: RJ11
Wall Socket RJ11
Ì RJ11 (6P4C) single wall socket
Ì Surface mount with outlet shutter
Ì Screw terminal connections
Ì Dimension: 85x85x20mm
543292


Similar Part No. - RJ11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ11 ETC2-RJ11 Datasheet
1Mb / 16P
Drywall Punch
logo
TE Connectivity Ltd
RJ11 TEC-RJ11 Datasheet
285Kb / 6P
Low Capacitance Modular RJ Jacks
logo
Tyco Electronics
RJ11 MACOM-RJ11 Datasheet
248Kb / 6P
X Series-Unfiltered Modular RJ Jack
logo
TE Connectivity Ltd
RJ11 TEC-RJ11 Datasheet
273Kb / 6P
Low Profile Filtered Modular Jacks
logo
AG Electronica
RJ11 AGELECTRONICA-RJ11 Datasheet
601Kb / 6P
Z Series — Low Profile Unfiltered Modular Jack
More results

Similar Description - RJ11

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7289 POMONA-7289 Datasheet
81Kb / 1P
XLR (F) / Triple Binding Post / RJ11
logo
Bourns Electronic Solut...
TISP4350T3BJR-S BOURNS-TISP4350T3BJR-S Datasheet
652Kb / 1P
RJ11 Fax/Modem (FXO)
logo
List of Unclassifed Man...
UCH0038-I ETC2-UCH0038-I Datasheet
553Kb / 1P
Convenient wall socket single unit charger
PA1344 ETC2-PA1344 Datasheet
151Kb / 1P
RJ11 DEC-MMJ 1300 Series Crimper
7001-4P4C ETC2-7001-4P4C Datasheet
100Kb / 2P
RJ11 Modular Plug - 4P4C
logo
Wurth Elektronik GmbH &...
615004141121 WURTH-615004141121 Datasheet
461Kb / 2P
RJ11 6P4C HORIZONTAL TAB DOWN
logo
Ultralife Corporation.
UCH0036 ULTRALIFE-UCH0036 Datasheet
548Kb / 1P
Convenient wall socket single unit charger
Rev A
UCH0038 ULTRALIFE-UCH0038 Datasheet
553Kb / 1P
Convenient wall socket single unit charger
Rev A
UCH0039 ULTRALIFE-UCH0039 Datasheet
556Kb / 1P
Convenient wall socket single unit charger
Rev A
logo
Electronic Components L...
CP30223 CLIFF-CP30223 Datasheet
234Kb / 1P
CAT3 RJ11 6P4C FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com