Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5622 Datasheet(PDF) 1 Page - Pro-Signal

Part # T5622
Description  The “ extreme ” solution for off-road leisure activities
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

T5622 Datasheet(HTML) 1 Page - Pro-Signal

  T5622 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T5622
5km* range
Revolutionary “ rubber ” presentation
Scanner, vibrator, Nimh battery
Shock - proof, water-resistant
The “ extreme ” solution
for off-road leisure activities
Basic Info
- 8 Channels PMR446 / 38 codes
- “ Hands free ” function with accessories
- Scan (features)
- Talk confirmation tone / Roger Beep
- Temporary elimination of frequency
- Power source : Nimh / AA
- Battery Life : 12hrs Nimh / 30 hrs AA
(with Premium Alkaline Cells)
- Low battery alert (audible)
- Childproof with inactive keys
- Vibrator function
- 10 Call tones
- Single Pin connection
- Back-lit
Package Contents
- 2 Walkies Talkies T5622
- 2 Belt clips
- 2 Nimh Batteries
- 1 Twin charging pod
- 1 User manual
Pallet Information
- Nomenclature : T5622 Twinpack
- Model No : P14MAA03A1AH
- EAN Number 5031753 001896
- Packed by 4 units
Real size of the product.
MOTOROLA and the stylised M logo are registered with the US Patent and Trademark Office.
Information described was correct at the time of going to press (June 2006). Visuals non-contractual.


Similar Part No. - T5622

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T56 VISHAY-T56 Datasheet
624Kb / 17P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
15-Oct-2020
T56 VISHAY-T56 Datasheet
658Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
28-Nov-2022
logo
Ferroxcube Internationa...
T56-3E6 FERROXCUBE-T56-3E6 Datasheet
40Kb / 3P
Ferrite toroids
logo
Intel Corporation
T5600 INTEL-T5600 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Infineon Technologies A...
T560N INFINEON-T560N Datasheet
245Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-12-07 revision:3.1
More results

Similar Description - T5622

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
The Clear Solution for Demanding Touch Applications
logo
STMicroelectronics
AN1094 STMICROELECTRONICS-AN1094 Datasheet
237Kb / 9P
Solution for off-line SMPS using VIPer100-E
25-Oct-2007
logo
Infineon Technologies A...
BGT60 INFINEON-BGT60 Datasheet
447Kb / 2P
Infineon rounds off the Backhaul Family with a packaged RF Solution for V-band Radio
08/2013
logo
PUI audio inc.
PNM-2751L-C3310-R PUIAUDIO-PNM-2751L-C3310-R Datasheet
532Kb / 5P
Reduces the effect of wind and road noise
PNM-3546L-C3310-R PUIAUDIO-PNM-3546L-C3310-R Datasheet
574Kb / 5P
Reduces the effect of wind and road noise
PNM-3552L-C3310-R PUIAUDIO-PNM-3552L-C3310-R Datasheet
574Kb / 5P
Reduces the effect of wind and road noise
logo
GS Yuasa Battery Sales ...
GS-L26-80 GSYUASABATTERY-GS-L26-80 Datasheet
459Kb / 1P
GS Leisure Battery
GS-L26-AGM GSYUASABATTERY-GS-L26-AGM Datasheet
1,006Kb / 1P
GS Leisure Battery
logo
SparkFun Electronics
ROB-13141 SPARKFUN-ROB-13141 Datasheet
148Kb / 2P
Actobotics Kit - Nomad 4WD Off-Road Chassis
10??4??8
logo
Vishay Siliconix
MULTITRACKPMR VISHAY-MULTITRACKPMR Datasheet
108Kb / 4P
Analog Displacement Sensors for Off-Road Applicationss
11-Jul-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com