Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F563LMQB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F563LMQB
Description  Octal D-Type Latch with TRI-STATE짰 Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F563LMQB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F563LMQB Datasheet HTML 1Page - National Semiconductor (TI) 74F563LMQB Datasheet HTML 2Page - National Semiconductor (TI) 74F563LMQB Datasheet HTML 3Page - National Semiconductor (TI) 74F563LMQB Datasheet HTML 4Page - National Semiconductor (TI) 74F563LMQB Datasheet HTML 5Page - National Semiconductor (TI) 74F563LMQB Datasheet HTML 6Page - National Semiconductor (TI) 74F563LMQB Datasheet HTML 7Page - National Semiconductor (TI) 74F563LMQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9562 – 1
Pin Assignment
for LCC
TLF9562 – 2
Functional Description
The ’F563 contains eight D-type latches with TRI-STATE
output buffers When the Latch Enable (LE) input is HIGH
data on the Dn inputs enters the latches In this condition
the latches are transparent ie a latch output will change
state each time its D input changes When LE is LOW the
latches store the information that was present on the D in-
puts a setup time preceding the HIGH-to-LOW transition of
LE The TRI-STATE buffers are controlled by the Output
Enable (OE) input When OE is LOW the buffers are in the
bi-state mode When OE is HIGH the buffers are in the high
impedance mode but this does not interfere with entering
new data into the latches
Function Table
Inputs
Internal
Output
Function
OE
LE
D
Q
O
H
X
X
X
Z
High Z
H
H
L
H
Z
High Z
H
H
H
L
Z
High Z
H
L
X
NC
Z
Latched
L
H
L
H
H
Transparent
L
H
H
L
L
Transparent
L
L
X
NC
NC
Latched
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance
NC e No Change
Logic Diagram
TLF9562 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com