Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8951L Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8951L_07 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
9
MASTER CLOCK TIMING
XTI/MCLK
t
XTIL
t
XTIH
t
XTIY
Figure 1 System Clock Timing Requirements
Test Conditions
AVDD1, AVDD2, DBVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode fs = 48kHz, XTI/MCLK =
256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
XTI/MCLK System clock pulse
width high
tXTIH
18
ns
XTI/MCLK System clock pulse
width low
tXTIL
18
ns
XTI/MCLK System clock cycle time
tXTIY
54
ns
XTI/MCLK Duty cycle
40:60
60:40
XTI/MCLK
t
COP
CLKOUT
CLKOUT
(DIV X2)
Figure 2 Clock Out Timing Requirements
Test Conditions
AVDD1, AVDD2, DBVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode fs = 48kHz, XTI/MCLK =
256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
CLKOUT propagation delay
from XTI/MCLK falling edge
tCOP
0
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com