Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP254/5/RED Datasheet(PDF) 2 Page - Pro-Power

Part # SP254/5/RED
Description  SP Series Heat Shrink Tubing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

SP254/5/RED Datasheet(HTML) 2 Page - Pro-Power

  SP254/5/RED Datasheet HTML 1Page - Pro-Power SP254/5/RED Datasheet HTML 2Page - Pro-Power SP254/5/RED Datasheet HTML 3Page - Pro-Power SP254/5/RED Datasheet HTML 4Page - Pro-Power SP254/5/RED Datasheet HTML 5Page - Pro-Power SP254/5/RED Datasheet HTML 6Page - Pro-Power SP254/5/RED Datasheet HTML 7Page - Pro-Power SP254/5/RED Datasheet HTML 8Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SP Series
Heat Shrink Tubing
Page 2
18/04/06 V1.0
Property
Test Method
Values
Tensile strength
ISO 37
10MPa minimum
Ultimate elongation
ISO 37
250% minimum
Specific gravity
ISO 1183
1.35 maximum
Heat shock
ASTM D2671
(4 hours at 250
°C)
No dripping, cracking or flowing
Heat ageing
Ultimate elongation
ISO 188
(168 hours at 175
°C)
ISO 37
150% minimum
Low temperature flexibility
ASTM D2671
(4 hours at -55
°C)
No cracking
Flammability (except clear)
ASTM D876
Pass
Electric strength
IEC 243
20kV/mm minimum
Corrosion
(copper contact and copper mirror)
ASTM D2671
No corrosion
Water absorption
ISO 62
0.5% maximum
Fluid resistance
Gasoline
Hydraulic fluid
Lubricating oil
Tensile strength
Ultimate elongation
ISO 1817
ISO 37
7MPa minimum
200% minimum
Fungus resistance
Tensile strength
Ultimate elongation
ISO 846
ISO 37
10Mpa minimum
250% minimum
Type
Shrinktek
Military
CSA
SP
ST6002
MIL-DTL 23053/5
DEF STAN 59-97
VG 95343 Pt5
600V, 125°C
(OFT)
Specification Values
Specification References/Approvals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com