Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV321ID/IDT Datasheet(PDF) 4 Page - Texas Instruments

Part # TSV321ID/IDT
Description  General purpose input/output rail-to-rail low power operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSV321ID/IDT Datasheet(HTML) 4 Page - Texas Instruments

  TSV321ID/IDT Datasheet HTML 1Page - Texas Instruments TSV321ID/IDT Datasheet HTML 2Page - Texas Instruments TSV321ID/IDT Datasheet HTML 3Page - Texas Instruments TSV321ID/IDT Datasheet HTML 4Page - Texas Instruments TSV321ID/IDT Datasheet HTML 5Page - Texas Instruments TSV321ID/IDT Datasheet HTML 6Page - Texas Instruments TSV321ID/IDT Datasheet HTML 7Page - Texas Instruments TSV321ID/IDT Datasheet HTML 8Page - Texas Instruments TSV321ID/IDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
TSV321-TSV358-TSV324
4/17
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC = +3V, VDD = 0V, RL, CL connected to VCC/2,
and Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = Vout = VCC /2
TSV321/358/324
Tmin ≤ Tamb ≤ Tmax
TSV321A/358A/324A
Tmin ≤ Tamb ≤ Tmax
0.2
0.1
3
6
1
3
mV
ΔVio
Input offset voltage drift
2
µV/°C
Iio
Input offset current
Vicm = Vout = VCC /2
(1)
Tmin ≤ Tamb ≤ Tmax
330
60
nA
Iib
Input bias current
Vicm = Vout = VCC /2
(1)
Tmin ≤ Tamb ≤ Tmax
40
125
150
nA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0
≤ Vicm ≤ VCC, Vout = VCC /2
60
80
dB
Avd
Large signal voltage gain
Vout = 0.5V to 2.5V
RL = 2kΩ
RL = 600Ω
80
74
92
95
dB
VOH
High level output voltage
Vid = 100mV
RL = 2kΩ
RL = 600Ω
Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 600Ω
2.82
2.80
2.82
2.80
2.95
2.95
V
VOL
Low level output voltage
Vid = -100mV
RL = 2kΩ
RL = 600Ω
Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 600Ω
88
115
120
160
120
160
mV
Io
Output source current
Vid = 100mV, VO = VDD
20
80
mA
Output sink current
Vid = -100mV, VO = VCC
20
80
ICC
Supply current (per amplifier)
AVCL = 1, no load
Tmin ≤ Tamb ≤ Tmax
420
650
690
µA
GBP
Gain bandwidth product
RL =10kΩ, CL = 100pF, f = 100kHz
1
1.3
MHz
SR
Slew rate
RL =10kΩ, CL = 100pF
0.42
0.6
V/µs
φm
Phase margin
CL = 100pF
53
Degrees
en
Input voltage noise
27
nV/
√Hz
THD
Total harmonic distortion
0.01
%
1.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com