Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13002 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD13002
Description  NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD13002 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD13002 Datasheet HTML 1Page - Continental Device India Limited CSD13002 Datasheet HTML 2Page - Continental Device India Limited CSD13002 Datasheet HTML 3Page - Continental Device India Limited CSD13002 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED,
CSD13002
HIGH VOLTAGE SWITCHING TRANSISTOR
TO-92
Plastic Package
Applications
Suitable for Lighting, Switching Regulator and Motor Control
ABSOLUTE MAXIMUM RATING (Ta=25ºC )
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Collector Power Dissipation
PD
Junction Temperature
Tj
Storage Temperature Range
Tstg
Junction to Ambient in free air
Rth (j-a)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=1mA, IE=0
700
V
Collector Cut Off Current
ICBO
VCB=600V, IE = 0
100
µA
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
100
µA
DC Current Gain
hFE
IC=0.1A, VCE=5V
18
40
*IC=0.2A, VCE=2V
14
30
IC=0.4A, VCE=5V
18
Collector Emitter Saturation Voltage
VCE (sat)
IC=200mA, IB=40mA
0.8
V
Base Emitter Saturation Voltage
VBE (sat)
IC=200mA, IB=40mA
1.2
V
Storage Time
ts
IC=0.1A
1.5
5.5
µs
Transition Frequency
fT
VCE=10V, IC=50mA, f=1MHz
5.0
MHz
*hFE Classification
Note:- Product is pre selected in DC current
A
B
C
E
gain (Groups A to E). CDIL reserves the right
14-19
18-22
21-25
24-30
to ship any of the groups according to
production availability.
MARKING
CSD
CSD
CSD
CSD
13002
13002
13002
13002
CSD13002 Rev_2 290307E
125
ºC/W
0.5
9.0
1.0
- 55 to +150
A
ºC
150
ºC
VALUE
400
600
For Lead Free Parts,
Devices Part # will be
Perfixed with "T"
A
B
C
E
UNIT
V
V
V
W
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSD13002

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD1306 CDIL-CSD1306 Datasheet
76Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSD1306D CDIL-CSD1306D Datasheet
76Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSD1306E CDIL-CSD1306E Datasheet
76Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Rectron Semiconductor
CSD1306E RECTRON-CSD1306E Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
logo
Continental Device Indi...
CSD1306F CDIL-CSD1306F Datasheet
76Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CSD13002

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTH2369 KEC-KTH2369 Datasheet
309Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369S KEC-KTN2369S Datasheet
155Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369U KEC-KTN2369U Datasheet
152Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
logo
Continental Device Indi...
CSL13003 CDIL-CSL13003 Datasheet
84Kb / 5P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
CSL13002 CDIL-CSL13002 Datasheet
136Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Rectron Semiconductor
CSL13003 RECTRON-CSL13003 Datasheet
517Kb / 5P
NPN SILICON PLANAR EPITAXIAL,HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com