Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1224-10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1224-10
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1224-10 Datasheet(HTML) 1 Page - STMicroelectronics

  1224-10 Datasheet HTML 1Page - STMicroelectronics 1224-10 Datasheet HTML 2Page - STMicroelectronics 1224-10 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HF SSB APPLICATIONS
RF & MICROWAVE TRANSISTORS
.380 4LFL (M113)
epoxy sealed
.
30 MHz
.
28 VOLTS
.
IMD
−28 dB
.
COMMON EMITTER
.
GOLD METALLIZATION
.
POUT
= 30 W MIN. WITH 18 dB GAIN
DESCRIPTION
The SD1224-10 is a 28 V epitaxial silicon NPN
planar transistor designed primarily for SSB com-
munications. This device utilizes emitter ballasting
for improved ruggedness and reliability.
PIN CONNECTION
BRANDING
1224-10
ORDER CODE
SD1224-10
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCEO
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
4.5
A
PDISS
Power Dissipation
80
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
2.2
°C/W
SD1224-10
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
October 1992
1/3


Similar Part No. - 1224-10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
1224-10SYGC EVERLIGHT-1224-10SYGC Datasheet
120Kb / 6P
3.0mm Round Type LED Lamps
1224-10SYGC-S530-E2 EVERLIGHT-1224-10SYGC-S530-E2 Datasheet
120Kb / 6P
3.0mm Round Type LED Lamps
2009/6/18
1224-10SYGC-S530-E2-T2-L EVERLIGHT-1224-10SYGC-S530-E2-T2-L Datasheet
120Kb / 6P
3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
116Kb / 6P
3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
105Kb / 6P
3.0mm Round Type LED Lamps
2005/9/14
More results

Similar Description - 1224-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com