Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCG-H9RM Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LCG-H9RM
Description  OSRAM OSTAR® Projection Cube
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCG-H9RM Datasheet(HTML) 2 Page - ams-OSRAM AG

  LCG-H9RM Datasheet HTML 1Page - ams-OSRAM AG LCG-H9RM Datasheet HTML 2Page - ams-OSRAM AG LCG-H9RM Datasheet HTML 3Page - ams-OSRAM AG LCG-H9RM Datasheet HTML 4Page - ams-OSRAM AG LCG-H9RM Datasheet HTML 5Page - ams-OSRAM AG LCG-H9RM Datasheet HTML 6Page - ams-OSRAM AG LCG-H9RM Datasheet HTML 7Page - ams-OSRAM AG LCG-H9RM Datasheet HTML 8Page - ams-OSRAM AG LCG-H9RM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LCG H9RM
2 Version 1.5 | 2020-06-03
Maximum Ratings
Parameter
Symbol
Values
Operating Temperature
T
op
min.
max.
-40 °C
100 °C
Storage Temperature
T
stg
min.
max.
-40 °C
100 °C
Junction Temperature
T
j
max.
150 °C
Forward Current
T
S = 25 °C
I
F
min.
max.
100 mA
500 mA
Forward Current pulsed
D = 0.5 ; f = 120 Hz; T
S = 25 °C
I
F pulse
1000 mA
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
V
ESD
8 kV
Reverse current 2)
I
R
max.
200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com