Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-G6CP Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LCW-G6CP
Description  Advanced Power TOPLED®
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCW-G6CP Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LCW-G6CP Datasheet HTML 2Page - ams-OSRAM AG LCW-G6CP Datasheet HTML 3Page - ams-OSRAM AG LCW-G6CP Datasheet HTML 4Page - ams-OSRAM AG LCW-G6CP Datasheet HTML 5Page - ams-OSRAM AG LCW-G6CP Datasheet HTML 6Page - ams-OSRAM AG LCW-G6CP Datasheet HTML 7Page - ams-OSRAM AG LCW-G6CP Datasheet HTML 8Page - ams-OSRAM AG LCW-G6CP Datasheet HTML 9Page - ams-OSRAM AG LCW-G6CP Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LCW G6CP
6 Version 1.6 | 2020-06-29
Chromaticity Coordinate Groups 3)
OHA03621
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.26
480
460
470
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.24
J
K
L
M
N
O
P
Q R
U V
T
S
W X
4
5
7
6
8
4
5
6
7
8
9
4500 K
4000 K
3500 K
3000 K
2700 K
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
CCT
4U
0.4326 0.3801 2700
0.4373 0.3893 2700
0.4428 0.3906 2700
0.4379 0.3814 2700
4V
0.4379 0.3814 2700
0.4428 0.3906 2700
0.4483 0.3919 2700
0.4432 0.3826 2700
4W
0.4432 0.3826 2700
0.4483 0.3919 2700
0.4538 0.3931 2700
0.4485 0.3838 2700
4X
0.4485 0.3838 2700
0.4538 0.3931 2700
0.4593 0.3944 2700
0.4538 0.3850 2700
Group
Cx
Cy
CCT
5U
0.4373 0.3893 2700
0.4420 0.3985 2700
0.4477 0.3998 2700
0.4428 0.3906 2700
5V
0.4428 0.3906 2700
0.4477 0.3998 2700
0.4534 0.4011 2700
0.4483 0.3919 2700
5W
0.4483 0.3919 2700
0.4534 0.4011 2700
0.4591 0.4025 2700
0.4538 0.3931 2700
5X
0.4538 0.3931 2700
0.4591 0.4025 2700
0.4648 0.4038 2700
0.4593 0.3944 2700
Group
Cx
Cy
CCT
6U
0.4420 0.3985 2700
0.4468 0.4077 2700
0.4526 0.4090 2700
0.4477 0.3998 2700
6V
0.4477 0.3998 2700
0.4526 0.4090 2700
0.4585 0.4104 2700
0.4534 0.4011 2700
6W
0.4534 0.4011 2700
0.4585 0.4104 2700
0.4644 0.4118 2700
0.4591 0.4025 2700
6X
0.4591 0.4025 2700
0.4644 0.4118 2700
0.4703 0.4132 2700
0.4648 0.4038 2700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com