Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-W5AM Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LCW-W5AM
Description  Golden DRAGON® Plus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCW-W5AM Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LCW-W5AM Datasheet HTML 6Page - ams-OSRAM AG LCW-W5AM Datasheet HTML 7Page - ams-OSRAM AG LCW-W5AM Datasheet HTML 8Page - ams-OSRAM AG LCW-W5AM Datasheet HTML 9Page - ams-OSRAM AG LCW-W5AM Datasheet HTML 10Page - ams-OSRAM AG LCW-W5AM Datasheet HTML 11Page - ams-OSRAM AG LCW-W5AM Datasheet HTML 12Page - ams-OSRAM AG LCW-W5AM Datasheet HTML 13Page - ams-OSRAM AG LCW-W5AM Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2015-12-16
10
Version 1.3
LCW W5AM
Relative Forward Voltage 4) page 23
Relative Vorwärtsspannung 4) Seite 23
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 4) page 23
Relativer Lichtstrom 4) Seite 23
ΦV/ΦV(25 °C) = f(Tj); IF = 350 mA
Chromaticity Coordinate Shift 4) page 23
Farbortverschiebung 4) Seite 23
Cx, Cy = f(Tj); IF = 350 mA
OHL06027
-40 -20 0 20 40 60 80 100120
Tj (°C)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF (V)
OHL-2013-06-Phi
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
OHL06138
-40 -20 0
20 40 60 80 100 120
0.40
0.41
0.42
0.43
0.44
: Cx
: Cy
Cx
Cy
T (°C)
j
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com