Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD-H9GP Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # LD-H9GP
Description  OSLON® Black
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LD-H9GP Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button LD-H9GP Datasheet HTML 14Page - ams-OSRAM AG LD-H9GP Datasheet HTML 15Page - ams-OSRAM AG LD-H9GP Datasheet HTML 16Page - ams-OSRAM AG LD-H9GP Datasheet HTML 17Page - ams-OSRAM AG LD-H9GP Datasheet HTML 18Page - ams-OSRAM AG LD-H9GP Datasheet HTML 19Page - ams-OSRAM AG LD-H9GP Datasheet HTML 20Page - ams-OSRAM AG LD-H9GP Datasheet HTML 21Page - ams-OSRAM AG LD-H9GP Datasheet HTML 22Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LD H9GP
18 Version 1.8 | 2018-11-14
Chip Technology:
P:
power performance
Encapsulant Type / Lens Properties
G:
outcoupling lens 90°
Wavelength
Emission Color
Color coordinates according
(λdom typ.)
CIE 1931/Emission color:
A:
617 nm
amber
CW: warm white
Y:
587 nm
yellow
UW: ultra white
R:
625 nm
red
L:
Light
emitting
diode
Package Type
H:
OSLON (QFN)
Lead / Package Properties
9:
Standard Ceramos Flash / leadless
Type Designation System
L
A
H
9
G
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com