Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-A-P1MS Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LE-A-P1MS
Description  OSRAM OSTAR™ Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-A-P1MS Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LE-A-P1MS Datasheet HTML 2Page - ams-OSRAM AG LE-A-P1MS Datasheet HTML 3Page - ams-OSRAM AG LE-A-P1MS Datasheet HTML 4Page - ams-OSRAM AG LE-A-P1MS Datasheet HTML 5Page - ams-OSRAM AG LE-A-P1MS Datasheet HTML 6Page - ams-OSRAM AG LE-A-P1MS Datasheet HTML 7Page - ams-OSRAM AG LE-A-P1MS Datasheet HTML 8Page - ams-OSRAM AG LE-A-P1MS Datasheet HTML 9Page - ams-OSRAM AG LE-A-P1MS Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LE A P1MS
DATASHEET
DATASHEET
6 | Version 1.1 | 2025-12-05
Relative Spectral Emission 4)
Φ
rel = f (λ); IF = 4000 mA; TJ = 25 °C
LEAP1MS
350
400
450
500
550
600
650
700
750
800
O /nm
0,0
0,2
0,4
0,6
0,8
1,0
)rel
:VO
:amber
Radiation Characteristics 4)
I
rel = f (φ); TJ = 25 °C
LEAP1MS
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90°
ϕ /°
0,0
0,2
0,4
0,6
0,8
1,0
Irel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com