Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-A-P1W Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LE-A-P1W
Description  OSRAM OSTAR® Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-A-P1W Datasheet(HTML) 1 Page - ams-OSRAM AG

  LE-A-P1W Datasheet HTML 1Page - ams-OSRAM AG LE-A-P1W Datasheet HTML 2Page - ams-OSRAM AG LE-A-P1W Datasheet HTML 3Page - ams-OSRAM AG LE-A-P1W Datasheet HTML 4Page - ams-OSRAM AG LE-A-P1W Datasheet HTML 5Page - ams-OSRAM AG LE-A-P1W Datasheet HTML 6Page - ams-OSRAM AG LE-A-P1W Datasheet HTML 7Page - ams-OSRAM AG LE-A-P1W Datasheet HTML 8Page - ams-OSRAM AG LE-A-P1W Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LE A P1W
1 Version 1.15 | 2020-11-05
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LE A P1W
OSRAM OSTAR® Projection Power
OSRAM OSTAR Projection Power is a high lumi-
nance LED for projection applications.
—
Projection Home LED & Laser
—
Projection Professional LED & Laser
Features:
—
Package: OSTAR High Power Projection
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 617 nm (● amber)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
Ordering Information
Type
Luminous Flux 1)
Ordering Code
I
F = 12000 mA
Φ
V
LE A P1W-RSSP-23
1400 ... 1940 lm
Q65112A7509


Similar Part No. - LE-A-P1W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-A-P1W OSRAM-LE-A-P1W Datasheet
786Kb / 21P
OSTAR High Power Projection
More results

Similar Description - LE-A-P1W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LECGP3A01 OSRAM-LECGP3A01 Datasheet
929Kb / 22P
OSRAM OSTAR Projection Power
LCGH9RM OSRAM-LCGH9RM Datasheet
863Kb / 22P
OSRAM OSTAR Projection Cube
LEAP3W01 OSRAM-LEAP3W01 Datasheet
808Kb / 20P
OSRAM OSTAR Projection Power
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com