Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFPS-9 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # GFPS-9
Description  Gamewell-FCI Power Supply 9
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GFPS-9 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  GFPS-9 Datasheet HTML 1Page - Honeywell Solid State Electronics Center GFPS-9 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-60236 Rev. A page 2 of 2
www.gamewell-fci.com
Specifications
Operating Power:
120 VAC, 3.6 amp. 60 Hz
Standby Battery
Circuit:
24 VDC (nominal) 7 ampere/
hours, max.
Supervisory Current:
0.075 amp.
Alarm Current:
0.175 amp.
(excluding notification appliances)
Alarm Output:
9.0 amp. max. @ 24 VDC
(nominal)
Dimensions:
16" H x 12.25" W x 3" D
(40.64 x 30.88 x 7.62 cm )
Operating
Temperature:
32° to 120° F (0° to 49° C)
Relative Humidity:
10 to 85% @ 86° F
(non-condensing)
Ordering Information
Model
Description
GFPS-9
Gamewell-FCI Power Supply-9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com