Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC0455 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # LTC0455
Description  Color Cameras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

LTC0455 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  LTC0455 Datasheet HTML 1Page - Bosch Sensortec GmbH LTC0455 Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Bosch Security Systems.
5600 JB Eindhoven
The Netherlands
Tel: +31 (40) 27 80000
Fax: +31 (40) 27 80001
www.boschsecuritysystems.com
9922 141 00163en 03-08 | Printed in The Netherlands | November 2003 • Data subject to change without notice.
SPECIFICATIONS
Electrical
Model No.
Rated Voltage
Voltage Range
System
LTC 0455/10
12 VDC
10.8-39 VDC
PAL
24 VAC, 50 Hz
12-28 VAC, 45-65 Hz
LTC 0455/20
12 VDC
10.8-39 VDC
NTSC
24 VAC, 60 Hz
12-28 VAC, 45-65 Hz
LTC 0455/50
230 VAC, 50 Hz
85-265 VAC, 45-65 Hz
PAL
LTC 0455/60
120 VAC, 60 Hz
85-265 VAC, 45-65 Hz
NTSC
Power Consumption:
4 W, excluding lens.
Imager:
Interline transfer CCD, 1/3-inch image format.
Active Picture Elements:
PAL Models:
752 H x 582 V.
NTSC Models:
768 H x 494 V.
Sensitivity (3200 k):
Usable
Usable
Full
Picture
Picture
Video
(30 IRE)
(50 IRE)
Scene illumination1) (color mode) fc
0.03
0.07
0.26
lx
0.30
0.65
2.6
Imager illumination (color mode) fc
0.005
0.010
0.040
lx
0.045
0.10
0.40
Scene illumination1) (night mode) fc
0.012
0.026
0.104
lx
0.12
0.26
1.04
Imager illumination (night mode) fc
0.002
0.004
0.016
lx
0.018
0.040
0.16
1) for f/1.2 lens, 89% scene reflectance.
Horizontal Resolution:
480 TVL.
Signal-to-noise Ratio:
50 dB.
AGC:
21 dB, (max).
Electronic Shutter:
Automatic, 1/50 to 1/125000 sec. (CCIR),
1/60 to 1/150000 sec. (EIA)
Aperture Correction:
Horizontal and vertical, symmetrical.
Backlight Compensation: Center window weighting.
White Balance:
Automatic sensing (2500 - 9000 K).
Video Output:
Composite video 1.0 Vpp, 75 ohms.
Synchronization:
Line-Lock :
(When powered by AC only) Synchronizes the
camera to the power line zero crossing for roll-
free vertical interval switching. Vertical phase
delay can be adjusted (0 - 358 degrees) to
allow vertical synchronization in multi-phase
power installations.
Free Running (When DC-supply or L/L off):
Internal crystal reference is standard on all
models.
Controls
Video level.
Shutter: AES/Off/Flickerless
AGC: On/Off
BLC: On/Off
Auto Black: On/Off
NightSense™: On/Auto/Forced
ATW: On/Hold
R-offset, B-offset
Vphase Adjustment: 0 - 358 degrees
MECHANICAL
Connectors:
- Video
Output: BNC.
- Video/DC-Iris
connector: 4-pin EIA-J.
Power:
LTC 0455/10 and LTC 0455/20:
push type connectors, polarity independent,
isolated from video output terminals
LTC 0455/50: 2-wire power cord with Euro plug
LTC 0455/60:
2-wire power cord with polarized plug
Camera mounting:
Top and Bottom, 1/4-inch 20 UNC.
Lens mounting:
C and CS.
Dimensions:
(HxWxD*) 58 x 66 x 122 mm
(2.28 x 2.6 x 4.8 inch). *including connectors.
Weight:
0.45 kg (0.99 lb).
ENVIRONMENTAL
Temperature range:
Operating:
-20 to 50°C (-4 to 122 °F).
Storage:
-25 to 70°C (-13 to 158 °F).
Operating Humidity:
5% to 93% non-condensing.
Electromagnetic compatibility:
EMC immunity:
According EN50130-4
EMC emission:
According EN505022 class B,
According FCC, class B part 15
Safety:
LTC 0455/10 and LTC 0455/50: EN60065
LTC 0455/20 and LTC 0455/60: UL6500
Accessories
Lenses DC iris:
LTC 3364/40:
2,8 - 12 mm, F1,4 - F360.
LTC 3374/20:
5 - 50 mm, F1,4 - F185.
Power Transformers and Power Supplies:
Model No.
Rated Input
Rated Output
TC1334
120 VAC, 60 Hz
24 VAC, 30 VA
TC120PS
120 VAC, 60 Hz
15 VDC, 9 VA
TC220PSX-24
220 - 240 VAC, 50/60 Hz
24 VAC, 20 VA
TC220PS
220 - 240 VAC, 50/60 Hz
15 VDC, 9 VA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com