Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSS7902/00T Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # VSS7902/00T
Description  Color Observation Systems Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

VSS7902/00T Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  VSS7902/00T Datasheet HTML 1Page - Bosch Sensortec GmbH VSS7902/00T Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 | Color Observation Systems Accessories
Ordering Information
Accessories
VSS9490/90T Color Monitor
14-inch add-on monitor for color observation
systems, PAL
VSS9490/90T
VS79025T Alarm/Action Box
For detectors and door locks, NTSC
VS79205T
VCM1152/10T Indoor Housing
Protection cover for observation system cam-
eras, PAL/NTSC and CCIR/EIA
VCM1152/10T
VCM1353/00T Outdoor Housing
Forobservationsystemcameras,heater,pow-
ered by monitor, PAL/NTSC and CCIR/EIA
VCM1353/00T
VSS7915/00T Outdoor Video Intercom unit
Signal TP cable, 4-pole RJ11E, 24 VDC, PAL
VSS7915/00T
VS79155T Outdoor Video Intercom unit
Signal TP cable, 4-pole RJ11E, 24 VDC, NTSC
VS79155T
Americas:
Bosch Security Systems, Inc.
130 Perinton Parkway
Fairport, New York, 14450, USA
Phone: +1 800 289 0096
Fax: +1 585 223 9180
security.sales@us.bosch.com
www.boschsecurity.us
Europe, Middle East, Africa:
Bosch Security Systems B.V.
P.O. Box 80002
5600 JB Eindhoven, The Netherlands
Phone: + 31 40 2577 284
Fax: +31 40 2577 330
emea.securitysystems@bosch.com
www.boschsecurity.com
Asia-Pacific:
Robert Bosch (SEA) Pte Ltd, Security Systems
38C Jalan Pemimpin
Singapore 577180
Phone: +65 6319 3453
Fax: +65 6319 3499
apr.securitysystems@bosch.com
www.boschsecurity.com
Represented by
© Bosch Security Systems Inc. 2009 | Data subject to change without notice
T2523691147 | Cur: en-US, V4, 12 Feb 2009



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com