Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FV110/B-F Datasheet(PDF) 1 Page - Hylec-APL Ltd. All rights reserved.

Part # FV110/B-F
Description  Screw-to-Tab Terminal Block (3 poles) with integrated earth bracket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

FV110/B-F Datasheet(HTML) 1 Page - Hylec-APL Ltd. All rights reserved.

  FV110/B-F Datasheet HTML 1Page - Hylec-APL Ltd. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FV110 B
Screw-to-Tab
TerminalBlock(3poles)
withintegratedearthbracket
IEC
American Standards
Ratings
450V - 40A
600V - 40A
Wire size
6.0 sqmm
22 ÷ 8AWG
Working Temperature
-5 ÷ 150 °C (short time 180 °C)
23 ÷ 221 °F
Nominal Temperature
(Testing temperature)
T150 (180°C)
-
Plastic Material
Polyamide PA6.6 glass filled brown colour, UL94-V0, GWT960 °C
Metal Parts
M5 zinc plated steel captive screw; 6.3 x 0.8 zinc plated steel tab insert;
other parts made in zinc plated steel
Marking
L - N -
Accessories
PA269
Approvals
File Nr.
Ratings (sqmm/AWG – V – A – T)
Standard References
E2250
6.0 sqmm - 40A - 450V - T150
EN60998-1; EN60998-2-1; CEI 23-21
E76048 vol. 1 sec. 4
22 ÷ 8AWG - 600V - 40A - 105 °C
UL 1059
LR 40455-10
22 ÷ 8AWG - 600V - 40A
CSA C22-2 N.158-1987; E.C.N 584B
PACKAGING
Type
P-N
Pack.
Dim. Pack. (LxHxP)
Weight (Kg)
FV 110B
300801
400
40x20x40
15.0
10 [0.394”]
2.55 [0.1”]
Ø4.5
[Ø0.177”]


Similar Part No. - FV110/B-F

ManufacturerPart #DatasheetDescription
logo
Hylec-APL Ltd. All righ...
FV110 HYLEC-FV110 Datasheet
82Kb / 1P
3 Pole screw to tab terminal block
FV110-F HYLEC-FV110-F Datasheet
82Kb / 1P
3 Pole screw to tab terminal block
More results

Similar Description - FV110/B-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG2Z OMRON-XG2Z Datasheet
380Kb / 13P
Screw Terminal Block Cables
logo
Weidmuller
0474360000 WEIDMULLER-0474360000 Datasheet
67Kb / 3P
Earth terminal, 2.5 mm짼, Screw connection
logo
Omron Electronics LLC
C200HOD219 OMRON-C200HOD219 Datasheet
476Kb / 13P
Screw Terminal Block Cables
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
screw type terminal block, pluggable
logo
PHOENIX CONTACT
1987106 PHOENIX-1987106 Datasheet
51Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 SZS-SCREW
logo
WECO ELECTRICAL CONNECT...
433-LA WECO-433-LA Datasheet
75Kb / 1P
Tab/screw connector block Tab 6,3 mm, with marking "R S N"
05.18
433-LB WECO-433-LB Datasheet
75Kb / 1P
Tab/screw connector block Tab 6,3 mm, with marking "L N [Earth]"
05.18
433-ZB WECO-433-ZB Datasheet
78Kb / 1P
Tab/screw connector block Tab 6,3 mm, with peg, with marking "L N [Earth]"
05.18
logo
FIBOX Enclosing innovat...
7010408 FIBOX-7010408 Datasheet
53Kb / 1P
Earth screw
02.08.2023
7010610 FIBOX-7010610 Datasheet
53Kb / 1P
Earth screw
02.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com