Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5625/415/1121 Datasheet(PDF) 21 Page - Hylec-APL Ltd. All rights reserved.

Part # 5625/415/1121
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

5625/415/1121 Datasheet(HTML) 21 Page - Hylec-APL Ltd. All rights reserved.

Back Button 5625/415/1121 Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. 5625/415/1121 Datasheet HTML 18Page - Hylec-APL Ltd. All rights reserved. 5625/415/1121 Datasheet HTML 19Page - Hylec-APL Ltd. All rights reserved. 5625/415/1121 Datasheet HTML 20Page - Hylec-APL Ltd. All rights reserved. 5625/415/1121 Datasheet HTML 21Page - Hylec-APL Ltd. All rights reserved. 5625/415/1121 Datasheet HTML 22Page - Hylec-APL Ltd. All rights reserved. 5625/415/1121 Datasheet HTML 23Page - Hylec-APL Ltd. All rights reserved. 5625/415/1121 Datasheet HTML 24Page - Hylec-APL Ltd. All rights reserved. 5625/415/1121 Datasheet HTML 25Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
40
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
41
Cable Glands
Perfect Metric Nickel Plated Brass
IP68 Long Thread In-Line EMC Shield Version
IP68 Perfect Nickel Plated Brass Cable Gland Long Thread
IP68 EMC Shield Version Long Thread
IP68 Perfect Nickel Plated Brass with Reducing Insert
IP65 WADI Special Small Cable High Temperature Gland
IP66 Perfect Nickel Plated Brass Cable Gland for Flat Profile Cable
IP65 Perfect Nickel Plated Brass Cable Gland For ASI Profile Cable
Part Code
Size
H
(mm)
L
(mm)
ØC
(mm)
Temp Rating
50.616 M/EMVDL
M16
35
10
5-9
-20 to +100C
50.620 M/EMVDL
M20
37,5
10
9-13
-20 to +100C
50.625 M/EMVDL
M25
40,5
11
11-16
-20 to +100C
50.632 M/EMVDL
M32
43
13
14-21
-20 to +100C
50.640 M/EMVDL
M40
46
13
19-27
-20 to +100C
Part Code
Size
H
(mm)
L
(mm)
ØC
(mm)
Temp Rating
50.612M-L
M12
30
10
3-6
-20 to +100C
50.616M-L
M16
35
10
5-9
-20 to +100C
50.620M-L
M20
37,5
10
9-13
-20 to +100C
50.625M-L
M25
40,5
11
11-16
-20 to +100C
50.632M-L
M32
43
13
14-21
-20 to +100C
50.640M-L
M40
46
13
19-27
-20 to +100C
50.650M-L
M50
54,5
14
24-35
-20 to +100C
50.663M-L
M63
56,5
14
32-42
-20 to +100C
50.663 M1-L
M63
56,5
14
38-48
-20 to +100C
50.612 M/EMV/L
M12
30
10
3-6
-20 to +100C
50.616 M/EMV/L
M16
35
10
5-9
-20 to +100C
50.620 M/EMV/L
M20
37,5
10
9-13
-20 to +100C
50.625 M/EMV/L
M25
40,5
11
11-16
-20 to +100C
50.632 M/EMV/L
M32
43
13
14-21
-20 to +100C
50.640 M/EMV/L
M40
46
13
19-27
-20 to +100C
50.650 M/EMV/L
M50
54,5
14
24-35
-20 to +100C
50.663 M/EMV/L
M63
56,5
14
32-42
-20 to +100C
50.663 M1/EMV/L
M63
56,5
14
38-48
-20 to +100C
50.612 M/R
M12
25
5
2-5
-20 to +100C
50.616 M/R
M16
30
5
3-9
-20 to +100C
50.620 M/R
M20
33,5
6
5-13
-20 to +100C
50.625 M/R
M25
36,5
7
8-16
-20 to +100C
50.632 M/R
M32
38
8
12-21
-20 to +100C
50.640 M/R
M40
41
8
16-27
-20 to +100C
50.650 M/R
M50
49,5
9
21-35
-20 to +100C
50.663 M/R
M63
52,5
10
27-48
-20 to +100C
111005
M6
16,5
6
2-3.2
-30 to +100C
111006
M8
19
6
3-5
-30 to +100C
111010
M10
19,5
6
4-6
-30 to +100C
111072
M72
59,5
18
53-60
-30 to +100C
50.620 MFK1
M20
33,5
6
5x12max, 2x9min
-20 to +100C
50.625 MFK1
M25
36,5
7
6x16.3max, 2x11min
-20 to +100C
50.632 MFK1
M32
38
8
9x20max, 3x13min
-20 to +100C
50.640 MFK1
M40
41
8
10x27max, 3x17min
-20 to +100C
50.650 MFK1
M50
49,5
9
13x34max, 4x24min
-20 to +100C
50.663 MFK1
M63
52,5
10
15x45max, 5x33min
-20 to +100C
50.620 M/ASI/1
M20
33,5
6
1x ASI cable
-20 to +100C
50.625 M/ASI/1
M25
36,5
7
1x ASI cable
-20 to +100C
50.620 M/ASI/2
M20
33,5
6
2x ASI cable
-20 to +100C
50.625 M/ASI/2
M25
36,5
7
2x ASI cable
-20 to +100C
Features:
• Easy to install
• Upto IP 68 protection
• Made From Nickel
Plated Brass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com