Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF303 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TF303
Description  3.0A Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TF303 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TF303 Datasheet HTML 1Page - List of Unclassifed Manufacturers TF303 Datasheet HTML 2Page - List of Unclassifed Manufacturers TF303 Datasheet HTML 3Page - List of Unclassifed Manufacturers TF303 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2008-04-29
TF301 – TF307
FR301 – FR307
3.0A Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
3.0A Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed: 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
DO-201AD, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
1.2 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
TF
301
TF
302
TF
303
TF
304
TF
305
TF
306
TF
307
Symbol
Description
FR
301
FR
302
FR
303
FR
304
FR
305
FR
306
FR
307
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current
3.0
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
200
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
DO-201AD


Similar Part No. - TF303

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF303 TAITRON-TF303 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
Soshin electric Co., Lt...
TF3030C-TX SOSHIN-TF3030C-TX Datasheet
198Kb / 4P
3-phase 3-line 500VAC Super High Attenuation with serge protection
logo
TAITRON Components Inco...
TF303G TAITRON-TF303G Datasheet
128Kb / 4P
3.0A Glass Passivated Fast Recovery Rectifier
More results

Similar Description - TF303

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR301 DIODES-FR301 Datasheet
57Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26003 Rev. C-3
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
3.0A Fast Recovery Rectifier
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
3.0A FAST RECOVERY RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
FR301 ZSELEC-FR301 Datasheet
118Kb / 2P
3.0A FAST RECOVERY RECTIFIER
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
3.0A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com