Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40P-MPC-21-05-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # D40P-MPC-21-05-R
Description  Hall Effect Coded Magnet Non-contact Safety Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40P-MPC-21-05-R Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button D40P-MPC-21-05-R Datasheet HTML 4Page - Omron Electronics LLC D40P-MPC-21-05-R Datasheet HTML 5Page - Omron Electronics LLC D40P-MPC-21-05-R Datasheet HTML 6Page - Omron Electronics LLC D40P-MPC-21-05-R Datasheet HTML 7Page - Omron Electronics LLC D40P-MPC-21-05-R Datasheet HTML 8Page - Omron Electronics LLC D40P-MPC-21-05-R Datasheet HTML 9Page - Omron Electronics LLC D40P-MPC-21-05-R Datasheet HTML 10Page - Omron Electronics LLC D40P-MPC-21-05-R Datasheet HTML 11Page - Omron Electronics LLC D40P-MPC-21-05-R Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Wiring Examples
G9SE
Single Sensor Application with G9SE-201 with Manual Reset
(up to Safety PLe acc. EN ISO 13849-1)
Series Connection Application Example of 3 Sensors with G9SE-201 with Manual Reset
(up to Safety PLd acc. EN ISO 13849-1)
D40P
NOTE: For automatic reset connect the feedback loop between T31 and T33. Connect T32 to +24 VDC.
Sensor
Actuator
+24 V
GND
A1
A2
T11
T12
T21
T22
T31
T32
KM1
KM2
Start
Feedback-
loop
13 14
+24V
GND
red
blue
white
black
yellow
green
M
KM1
KM2
brown
orange
G9SE-201
KM1
KM2
23 24
Auxiliary (NO)
D40P
T33
+24 V
Sensor
Actuator
+24 V
GND
A1
A2
T11
T12
T21
T22
T31
T32
KM1
KM2
Start
Feedback-
loop
13 14
M
KM1
KM2
+24V
GND
G9SE-201
KM1
KM2
23 24
red
blue
white
black
yellow
green
brown
orange
red
blue
white
black
yellow
green
brown
orange
red
blue
white
black
yellow
green
brown
orange
D40P
Auxiliary (NO)
Auxiliary (NO)
Auxiliary (NO)
T33
+24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com