Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-R
Description  Photoelectric Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-R Datasheet HTML 1Page - Omron Electronics LLC E3S-R Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
16
15
14
13
11
10
9
8
7
6
5
4
3
2
1
6–2
Page 6–2
LEADERS IN ADVANCED TECHNOLOGIES
Engineering Data
30
20
10
0
10
20
30
Detecting distance
X (mm)
100
200
300
400
500
600
700
800
E3S-R1
--
E3S-RS30
----
Dimensions
Weight: approx. 165 g
Weight: approx. 165 g
Reflector E39-R1 (included)
Vertical
Horizontal
Connections
Output stage circuit diagram
E3S-R
-E4 (NPN output)
+V
Output
0V
Blue
Brown
Black
Black
Brown
Blue
LIGHT-
ON
DARK-
ON
+V
Output
0V
Blue
Brown
Black
Black
Brown
Blue
LIGHT-
ON
DARK-
ON
Main circuit
Main circuit
2.2
Ω



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com