Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3H2-R2B4M-M1-N Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3H2-R2B4M-M1-N
Description  Miniature photoelectric sensors in cylindrical M8 and M12 housing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3H2-R2B4M-M1-N Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3H2-R2B4M-M1-N Datasheet HTML 2Page - Omron Electronics LLC E3H2-R2B4M-M1-N Datasheet HTML 3Page - Omron Electronics LLC E3H2-R2B4M-M1-N Datasheet HTML 4Page - Omron Electronics LLC E3H2-R2B4M-M1-N Datasheet HTML 5Page - Omron Electronics LLC E3H2-R2B4M-M1-N Datasheet HTML 6Page - Omron Electronics LLC E3H2-R2B4M-M1-N Datasheet HTML 7Page - Omron Electronics LLC E3H2-R2B4M-M1-N Datasheet HTML 8Page - Omron Electronics LLC E3H2-R2B4M-M1-N Datasheet HTML 9Page - Omron Electronics LLC E3H2-R2B4M-M1-N Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Miniature Photoelectric Sensors
Excess gain vs. distance
Through-beam models
E3H2-T4
E3H2-T2
Retroreflective Models
E3H2-R2
1
10
100
1000
012345
Distance (m)
1
10
100
0
0,5
1
1,5
2
2,5
3
Distance (mm)
1
10
100
00,5
11,5
22,5
33,5
4
Distance (m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com