Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R1B42 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3S-R1B42
Description  Photoelectric Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R1B42 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3S-R1B42 Datasheet HTML 1Page - Omron Electronics LLC E3S-R1B42 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OMRON Electronics Technical Help Desk on 0181-450 4646
Section 6–1
Photoelectric Sensor
E3S–R
High Performance, Retroreflective
Photoelectric Sensor Incorporates
Polarised Lenses to give Reliable
Detection of Transparent or Shiny
Objects
Both NPN and PNP outputs are wire configurable for
Light-ON or Dark-ON operation.
Small die-cast metal housing (IP67) offers reliable
performance in aggressive environments.
Mutual
interference
protection
is
provided
to
guarantee stable operation.
Ordering Information
Sensing
Distance
Mounting
style
Output
Order Number
Horizontal
NPN
E3S-RS30E430
300 mm
PNP
E3S-RS30B430
300 mm
Vertical
NPN
E3S-RS30E4230
PNP
E3S-RS30B4230
Horizontal
NPN
E3S-R1E4
1 m
PNP
E3S-R1B4
1 m
Vertical
NPN
E3S-R1E42
PNP
E3S-R1B42
Specifications
Model
E3S–RS30
-4–30
E3S–RS30
-42–30
E3S–R1
-4
E3S–R1
-42
Operating voltage
12 VDC-10% to 24 VDC+10%, ripple (p-p): 10% max.
Current consumption
25 mA max.
Sensing distance
300 mm
1 m
Standard objects
Glass tube with 10 dia. min. (t = 1.0 mm,
= 30 mm)
Control
otpt
DC
solid state
Load
NPN output (with suffix-E: 80 mA, PNP output (with suffix-B): 100 mA
output
solid-state
Voltage
drop
2 V max.
Response time (ON, OFF)
1 ms max.
Sensitivity
Adjustable
Operation mode
Wire-selectable (refer to ‘Output Stage Circuit Diagram’)
Indicators
LIGHT indicator (red), STABILITY indicator (green)
Mutual interference protection
Provided
Degree of protection
IEC 144
IP67
NEMA
1, 3, 4X, 6, 12
Housing material
Housing: zinc die-cast
Lens: Polycarbonate resin
Light source
Infrared LED
Ambient temperature
Operating: –25
° to 55°C


Similar Part No. - E3S-R1B42

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-R1B4 OMRON-E3S-R1B4 Datasheet
557Kb / 11P
Transparent Object Detection Sensor
More results

Similar Description - E3S-R1B42

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
Photoelectric Sensor
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
Photoelectric Sensor
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
Photoelectric Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
PHOTOELECTRIC SENSOR
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
PHOTOELECTRIC SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com