Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R61 2M Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3ZM-R61 2M
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R61 2M Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3ZM-R61 2M Datasheet HTML 9Page - Omron Electronics LLC E3ZM-R61 2M Datasheet HTML 10Page - Omron Electronics LLC E3ZM-R61 2M Datasheet HTML 11Page - Omron Electronics LLC E3ZM-R61 2M Datasheet HTML 12Page - Omron Electronics LLC E3ZM-R61 2M Datasheet HTML 13Page - Omron Electronics LLC E3ZM-R61 2M Datasheet HTML 14Page - Omron Electronics LLC E3ZM-R61 2M Datasheet HTML 15Page - Omron Electronics LLC E3ZM-R61 2M Datasheet HTML 16Page - Omron Electronics LLC E3ZM-R61 2M Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
E3ZM
13
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons. Do not use it for such a purpose.
Do not use the product with voltage in excess of the
rated voltage. Excess voltage may result in
malfunction or fire.
Never use the product with an AC power supply.
Otherwise, explosion may result.
When cleaning the product, do not apply a
concentrated spray of water to one part of the
product. Otherwise, parts may become damaged and
the degree of protection may be degraded.
High-temperature environments may result in burn
injury.
The following precautions must be observed to ensure safe operation
of the Sensor.
Operating Environment
Do not use the Sensor in an environment where explosive or
flammable gas is present.
Connecting Connectors
Be sure to hold the connector cover when inserting or removing the
connector.
If the XS3F is used, always tighten the connector cover by hand. Do
not use pliers.
If the tightening is insufficient, the degree of protection will not be
maintained and the Sensor may become loose due to vibration. The
appropriate tightening torque is 0.3 to 0.4 N·m.
If other commercially available connectors are used, follow the
recommended connector application conditions and recommended
tightening torque specifications.
Load
Do not use a load that exceeds the rated load.
Low-temperature Environments
Do not touch the metal surface with your bare hands when the
temperature is low. Touching the surface may result in a cold burn.
Rotation Torque for Sensitivity Adjustment and Selector
Switch
Adjust with a torque of 0.06 N·m or less.
Oily Environments
Do not use the Sensor in oily environments.
Modifications
Do not attempt to disassemble, repair, or modify the Sensor.
Outdoor Use
Do not use the Sensor in locations subject to direct sunlight.
Cleaning
Do not use thinner, alcohol, or other organic solvents. Otherwise, the
optical properties and degree of protection may be degraded.
Washing
Do not use highly concentrated detergents. They may cause
malfunction. Do not use high-pressure water spray in excess of the
specifications.
Surface Temperature
Burn injury may occur. The Sensor surface temperature rises
depending on application conditions, such as the surrounding
temperature and the power supply voltage. Use caution when
operating or washing the Sensor.
WARNING
CAUTION
Precautions for Safe Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com