Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R2 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E39-R2
Description  Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R2 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E39-R2 Datasheet HTML 3Page - Omron Electronics LLC E39-R2 Datasheet HTML 4Page - Omron Electronics LLC E39-R2 Datasheet HTML 5Page - Omron Electronics LLC E39-R2 Datasheet HTML 6Page - Omron Electronics LLC E39-R2 Datasheet HTML 7Page - Omron Electronics LLC E39-R2 Datasheet HTML 8Page - Omron Electronics LLC E39-R2 Datasheet HTML 9Page - Omron Electronics LLC E39-R2 Datasheet HTML 10Page - Omron Electronics LLC E39-R2 Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
E3S-C
10
Accessories (Order Separately)
Reflectors
Refer to E39-L/E39-S/E39-R for details.
Mounting Brackets
Refer to E39-L/E39-S/E39-R for details.
20
57
Emitter
Receiver
9
5
2.4
20.8
Optical axis
22.2
12.9
4.2
4.2
9.2
4.2
12.9
20
25.4
31
43.8
1.5
12
32.2
2.2
7.2
Stability indicator (green)
Light indicator (red)
20.2
Two, M4
5.8
23
A*
1
M3
× 5
23.2
M12
× 1
20.4
25.4
Two, M4
*The Mounting Bracket can be attached to side A.
Stainless steel
(SUS304)
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2 (AWG24),
Insulator diameter: 1.2 mm),
Standard length: 2 m
Mounting Holes
Lens (17
× 11)
Pre-wired Connector (-M1J)
4-dia. vinyl-insulated round cable
Standard length: 300 mm
With Mounting Bracket Attached
Retro-/Diffuse-reflective (Vertical)
E3S-CR61(-M1J)
E3S-CD61(-M1J)
E3S-CD62(-M1J)
A
20.1
0.2
3.8
6.2 11.8
1
11
6.5
20
Snap-in Long Slit (For Through-beam Models)
E39-S61
Dimension
A (mm)
Material
Quantity
0.5
Stainless
steel
1 set each for
Emitter/Receiver
(8 Slits total)
1
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com