Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39-R4
Description  Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39-R4 Datasheet HTML 1Page - Omron Electronics LLC E39-R4 Datasheet HTML 2Page - Omron Electronics LLC E39-R4 Datasheet HTML 3Page - Omron Electronics LLC E39-R4 Datasheet HTML 4Page - Omron Electronics LLC E39-R4 Datasheet HTML 5Page - Omron Electronics LLC E39-R4 Datasheet HTML 6Page - Omron Electronics LLC E39-R4 Datasheet HTML 7Page - Omron Electronics LLC E39-R4 Datasheet HTML 8Page - Omron Electronics LLC E39-R4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CSM_E3S-C_DS_E_9_2
1
Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3S-C
Water- and Oil-resistant
Photoelectric Sensor with
Metal Housing Used for Long-
range Sensing
• Excellent resistance against the water and oil. Easy
application in locations with oil mist.
• Long-range sensing up to 30 m with Through-beam
models.
• Shock resistance rated at 1,000m/s2.
• Product lineup includes metal M12 pre-wired
connector models.
• NPN/PNP selector switch output.
Ordering Information
Sensors (Refer to Dimensions on page 8.)
* Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
Sensing method
Appearance
Connection method
Sensing distance
Model
Through-beam
(Emitter + Receiver) *
Pre-wired
E3S-CT11 2M
Emitter
E3S-CT11-L 2M
Receiver E3S-CT11-D 2M
Pre-wired Connector (M12)
E3S-CT11-M1J 0.3M
Emitter
E3S-CT11-L-M1J 0.3M
Receiver E3S-CT11-D-M1J 0.3M
Pre-wired
E3S-CT61 2M
Emitter
E3S-CT61-L 2M
Receiver E3S-CT61-D 2M
Pre-wired Connector (M12)
E3S-CT61-M1J 0.3M
Emitter
E3S-CT61-L-M1J 0.3M
Receiver E3S-CT61-D-M1J 0.3M
Retro-reflective
Pre-wired
E3S-CR11 2M
Pre-wired Connector (M12)
E3S-CR11-M1J 0.3M
Pre-wired
E3S-CR61 2M
Pre-wired Connector (M12)
E3S-CR61-M1J 0.3M
Diffuse-reflective
Pre-wired
E3S-CD11 2M
E3S-CD12 2M
Pre-wired Connector (M12)
E3S-CD11-M1J 0.3M
E3S-CD12-M1J 0.3M
Pre-wired
E3S-CD61 2M
E3S-CD62 2M
Pre-wired Connector (M12)
E3S-CD61-M1J 0.3M
E3S-CD62-M1J 0.3M
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Be sure to read Safety Precautions on
page 7.
Red light
Infrared light
Horizontal
30 m
Vertical
Horizontal
3 m
Vertical
Horizontal
700 mm
2 m
700 mm
2 m
Vertical
700 mm
2 m
700 mm
2 m


Similar Part No. - E39-R4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-R4 OMRON-E39-R4 Datasheet
296Kb / 10P
Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
E39-R4 OMRON-E39-R4 Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
E39-R4 OMRON-E39-R4 Datasheet
940Kb / 27P
Built-in Amplifier Photoelectric Sensor (Medium Size)
2007.12
E39-R4 OMRON-E39-R4 Datasheet
4Mb / 21P
Built-in Amplifier Photoelectric Sensor (Medium Size)
2017.3
E39-R40 OMRON-E39-R40 Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
More results

Similar Description - E39-R4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-CT16 OMRON-E3S-CT16 Datasheet
649Kb / 14P
Long Range Metal Body Sensor
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3K-R10K4 OMRON-E3K-R10K4 Datasheet
586Kb / 6P
Long-Range AC/DC Photoelectric Sensor
E3S-CR66 OMRON-E3S-CR66 Datasheet
651Kb / 14P
Long Range Metal Body Sensor
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
Long Range & Wide Area Photoelectric Sensor
logo
Omron Electronics LLC
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
Distance-settable Photoelectric Sensor with Metal Case
08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com