Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2A6M-002 Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # E5CD-RX2A6M-002
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2A6M-002 Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button E5CD-RX2A6M-002 Datasheet HTML 45Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 46Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 47Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 48Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 49Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 50Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 51Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 52Page - Omron Electronics LLC E5CD-RX2A6M-002 Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
E5CD/E5ED
49
3. Recommended Ferrules and Crimp Tools
Recommended wires (Stranded wire/Solid wire)
Recommended ferrules
*1. Make sure that the outer diameter of the wire coating is smaller than the
inner diameter of the insulation sleeve of the recommended ferrule.
*2. Make sure that the ferrule processing dimensions conform to the following
figures.
Recommended Flat-blade Screwdriver
Use a flat-blade screwdriver to connect and remove wires.
Use the following flat-blade screwdriver.
The following table shows manufacturers and models as of 2015/Dec
* OMRON's exclusive purchase model XW4Z-00B is available to
order as SZF 0-0,4
✕2,5 (manufactured by Phoenix Contact).
Three-year Guarantee
Period of Guarantee
The guarantee period of the Unit is three years starting from the date
the Unit is shipped from the factory.
Scope of Guarantee
The Unit is guaranteed under the following operating conditions.
1. Average Operating Temperature
(see note):
−10°C to 50°C
2. Mounting Method: Standard mounting
(Mounted to panel or DIN Track.)
Note: Average Operating Temperature
Refer to the process temperature of the Unit mounted to a
control panel and connected to peripheral devices on condition
that the Unit is in stable operation, sensor input type K is
selected for the Unit, the positive and negative thermocouple
input terminals of the Unit are short-circuited, and the ambient
temperature is stable.
Should the Unit malfunction during the guarantee period, OMRON
shall repair the Unit or replace any parts of the Unit at the expense of
OMRON
Recommended wire
Stripping length
(Ferrules not used)
0.25-1.5 mm2/AWG24-16
8 mm
Applicable
wire
Ferrule
Conductor
length
(mm)
Wire
Stripping
length
(mm)
(Ferrules
used)
Recommended ferrules
(mm2)
(AWG)
Phoenix Contact
product
Weidmuller
product
Wago
product
0.25
24
8
10 AI 0,25-8
H0.25/12 216-301
10
12 AI 0,25-10
---
---
0.34
22
8
10 AI 0,34-8
H0.34/12 216-302
10
12 AI 0,34-10
---
---
0.5
20
8
10 AI 0,5-8
H0.5/14
216-201
10
12 AI 0,5-10
H0.5/16
216-241
0.75
18
8
10 AI 0,75-8
H0.75/14 216-202
10
12 AI 0,75-10
H0.75/16 216-242
1/1.25 18/17
8
10 AI 1-8
H1.0/14
216-203
10
12 AI 1-10
H1.0/16
216-243
1.25/1.5 17/16
8
10 AI 1,5-8
H1.5/14
216-204
10
12 AI 1,5-10
H1.5/16
216-244
Recommended crimp tool
CRIMPFOX6
CRIMPFOX6T-F
CRIMPFOX10S
PZ6 roto
Variocrimp4
1.9 mm max.
2.6 mm max.
8 to 10 mm
Model
Manufacturer
ESD 0,40
✕2,5
Wera
SZS 0,4
✕2,5
SZF 0-0,4
✕2,5 *
Phoenix Contact
0.4
✕2.5✕75 302
Wiha
AEF.2,5
✕75
Facom
210-719
Wago
SDI 0.4
✕2.5✕75
Weidmuller
Front
Side
0.4 mm
2.5 mm dia.
2.5 mm
Top
Bottom
Example: Mounted to Panel
Example: Mounted to DIN Track
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com