Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R81 2M Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3ZM-R81 2M
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R81 2M Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3ZM-R81 2M Datasheet HTML 5Page - Omron Electronics LLC E3ZM-R81 2M Datasheet HTML 6Page - Omron Electronics LLC E3ZM-R81 2M Datasheet HTML 7Page - Omron Electronics LLC E3ZM-R81 2M Datasheet HTML 8Page - Omron Electronics LLC E3ZM-R81 2M Datasheet HTML 9Page - Omron Electronics LLC E3ZM-R81 2M Datasheet HTML 10Page - Omron Electronics LLC E3ZM-R81 2M Datasheet HTML 11Page - Omron Electronics LLC E3ZM-R81 2M Datasheet HTML 12Page - Omron Electronics LLC E3ZM-R81 2M Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
E3ZM
9
Sensing Distance vs. Sensing Object Material
BGS Reflective Models
E3ZM-LS
@1H(LS@6H)
E3ZM-LS
@2H(LS@7H)
E3ZM-LS
@4H(LS@9H)
Inclination Characteristics (Vertical)
BGS Reflective Models
E3ZM-LS
@1H(LS@6H)
E3ZM-LS
@2H(LS@7H)
E3ZM-LS
@4H(LS@9H)
Inclination Characteristics (Horizontal)
BGS Reflective Models
E3ZM-LS
@1H(LS@6H)
E3ZM-LS
@2H(LS@7H)
E3ZM-LS
@4H(LS@9H)
120
100
80
60
40
20
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
180
160
140
120
100
80
60
40
20
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
250
200
150
100
50
0
White
paper
Veneer Card-
board
Black
paper
Black
rubber
SUS
Mirror
surface
Material
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
Inclination angle
θ (°)
Upwards and
Downwards
Inclination
angle
+θ
−θ
Center
line
Sensing
object
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
Inclination angle
θ (°)
+θ
−θ
(Upwards and
Downwards)
Inclination
angle
Sensing
object
Center
line
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
Inclination angle
θ (°)
+θ
+θ
Center
line
Sensing
object
(Upwards and
Downwards)
Inclination
angle
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
Inclination angle
θ (°)
+θ
−θ
Sensing
object
Center
line
(Left and Right)
Inclination
angle
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
Inclination angle
θ (°)
+θ
−θ
Sensing
object
Center
line
(Left and Right)
Inclination
angle
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80
+θ
−θ
Inclination
angle
(Left and Right)
Center
line
Sensing
object
Inclination angle
θ (°)
40
30
20
10
0
−10
−20
−30
−40
50
−50
80
40
20
60
0
−40 −20
−60
−80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com