Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3AS-HF6000DM Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E3AS-HF6000DM
Description  High-sensitivity TOF Laser Sensor to increase equipment design flexibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3AS-HF6000DM Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E3AS-HF6000DM Datasheet HTML 17Page - Omron Electronics LLC E3AS-HF6000DM Datasheet HTML 18Page - Omron Electronics LLC E3AS-HF6000DM Datasheet HTML 19Page - Omron Electronics LLC E3AS-HF6000DM Datasheet HTML 20Page - Omron Electronics LLC E3AS-HF6000DM Datasheet HTML 21Page - Omron Electronics LLC E3AS-HF6000DM Datasheet HTML 22Page - Omron Electronics LLC E3AS-HF6000DM Datasheet HTML 23Page - Omron Electronics LLC E3AS-HF6000DM Datasheet HTML 24Page - Omron Electronics LLC E3AS-HF6000DM Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
E3AS-HF Series
21
Sensing Distance vs. Sensing Object Material
Repeat accuracy
0
1000
2000
3000
4000
5000
6000
Cardboard
Black rubber
SUS
Mirror
50 ms
200 ms
White paper
Black paper
Response time
White paper (Reflectance 90%)
Gray paper (Reflectance 18%)
Black paper (Reflectance 10%)
Response time (ms)
Response time (ms)
Response time (ms)
2
10
50
200
2
10
50
200
2
10
50
200
Sensing
distance
(mm)
60
±4
±3
±1
±1
±5
±2
±1
±1
±7
±3
±1
±1
200
±4
±1
±1
±1
±5
±2
±1
±1
±4
±1
±1
±1
1000
±4
±2
±1
±1
±4
±1
±1
±1
±5
±2
±1
±1
2000
±4
±2
±1
±1
±5
±3
±2
±1
±6
±4
±1
±1
3000
±4
±2
±1
±1
±6
±3
±2
±1
±9
±5
±3
±1
5000
±6
±2
±1
±1
±17
±6
±2
±1
±24
±8
±4
±1
6000
±7
±3
±1
±1
±21
±7
±3
±1
±31
±10
±4
±2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com