Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E39-R1
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC E39-R1 Datasheet HTML 10Page - Omron Electronics LLC E39-R1 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
E3ZM
7
Engineering Data (Reference Value)
Parallel Operating Range
Through-beam Models
Retro-reflective Models
E3ZM-T
@1(T@6)
E3ZM-T
@3(T@8)
E3ZM-R
@1(R@6)
Operating Range
Diffuse-reflective Models
BGS Reflective Models
E3ZM-D
@2(D@7)
E3ZM-LS
@1H(LS@6H), Top to Bottom
E3ZM-LS
@1H(LS@6H), Left to Right
E3ZM-LS
@2H(LS@7H), Top to Bottom
E3ZM-LS
@2H(LS@7H), Left to Right
E3ZM-LS
@4H(LS@9H), Top to Bottom
E3ZM-LS
@4H(LS@9H), Left to Right
Distance X (m)
1500
−1500
40
5
101520253035
0
1000
500
0
−500
−1000
Y
X
0
500
1000
1500
2000
Distance X (mm)
-100
-80
-60
-40
-20
0
20
40
60
80
100
Y
X
150
−150
12
3
4
5
6
0
100
50
0
−50
−100
E39-R1S
E39-R1
Y
X
Distance X (m)
120
100
80
60
40
20
0
−20
−40
−60
−80
−100
−120
140
−140
1.8
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
Y
X
Sensing object: 300
× 300 white paper
Distance X (m)
4
2
0
−2
−4
−6
6
100
20
40
60
80
0
Distance X (mm)
Y
X
Sensing object:
100
× 100
white paper
3
2
1
0
−1
−2
−3
4
−4
100
20
40
60
80
0
Y
X
Sensing object: 100
× 100 white paper
Distance X (mm)
20
15
10
5
0
−5
−10
25
−15
−20
−25
100
120
140 160
20
40
60
80
0
Y
X
Sensing object: 100
× 100 white paper
Distance X (mm)
6
4
2
0
−2
−4
−6
100
120
140 160
20
40
60
80
0
Distance X (mm)
Sensing object: 100
× 100 white paper
Y
X
30
25
20
15
10
5
0
35
−5
−10
−15
−20
−25
−30
−35
100
150
200
250
50
0
Sensing object: 100
× 100 white paper
Distance X (mm)
Y
X
Sensing object: 100
× 100 white paper
8
6
4
2
0
−2
−4
−6
−8
100
150
200
250
50
0
Distance X (mm)
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com