Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1S Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39-R1S
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1S Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39-R1S Datasheet HTML 1Page - Omron Electronics LLC E39-R1S Datasheet HTML 2Page - Omron Electronics LLC E39-R1S Datasheet HTML 3Page - Omron Electronics LLC E39-R1S Datasheet HTML 4Page - Omron Electronics LLC E39-R1S Datasheet HTML 5Page - Omron Electronics LLC E39-R1S Datasheet HTML 6Page - Omron Electronics LLC E39-R1S Datasheet HTML 7Page - Omron Electronics LLC E39-R1S Datasheet HTML 8Page - Omron Electronics LLC E39-R1S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
CSM_E3ZM_DS_E_5_8
Compact Photoelectric Sensor with Stainless Steel Housing
E3ZM
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Features
Withstands Detergent and
Disinfectant Spray
Superior Protective Structure
Shape and Markings Designed
for Greater Hygiene
We used SUS316L for the case and
the best material for all parts to
achieve 200 times the durability of
the E3Z (in 1.5% solution of sodium
hydroxide at 70˚C) to make the
E3ZM suitable for the cleaning
conditions of food-processing
machinery.
The first IP69K* (DIN 40050-9)
protective structure in the world
for a square metal photoelectric
sensor. Suitable for high-
temperature, high-pressure jet
water spray cleaning applications.
World's
Strong
est
World's
Strong
est
World's
First
World's
First
Industr
y's
Best
Industr
y's
Best
Few indentations in the shape
means less dust and water can
collect, making the E3ZM more
hygienic. No labels have been used
in order to prevent foreign matter
contaminating food products. The
E3ZM model and lot numbers are
imprinted using a laser marker.
Rear
* Refer to the footnote on page 5 (ratings
and specifications table).
Stainless Steel Housing Ideal for Food
Industry
• Strong resistance against detergents, disinfectants, and jet liquid flow.
• Product lineup includes BGS Reflective Models and Through-beam
Models with built-in slits.
• Certified by Ecolab Europe.
PAT Pending
Be sure to read Safety Precautions on
page 13.


Similar Part No. - E39-R1S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-R1S OMRON-E39-R1S Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
E39-R1S OMRON-E39-R1S Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E39-R1S OMRON-E39-R1S Datasheet
6Mb / 14P
IO-Link Photoelectric Sensor
06/16
E39-R1S OMRON-E39-R1S Datasheet
1Mb / 18P
Compact Photoelectric Sensor with Stainless Steel Housing
07/10
E39-R1S OMRON-E39-R1S Datasheet
2Mb / 18P
Compact Photoelectric Sensor with Built-in Amplifier
11/14
More results

Similar Description - E39-R1S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3ZM-V OMRON-E3ZM-V Datasheet
1Mb / 12P
Print mark detection photoelectric sensor in compact stainless steel housing
logo
Marl International Limi...
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
Robust stainless steel housing
logo
TE Connectivity Ltd
MS5607-02BA03 TEC-MS5607-02BA03 Datasheet
472Kb / 20P
Barometric Pressure Sensor, with stainless steel cap
MS5611-01BA03 TEC-MS5611-01BA03 Datasheet
572Kb / 22P
Barometric Pressure Sensor, with stainless steel cap
logo
ZF Friedrichshafen AG
GS1001 ZFSWITCHES-GS1001 Datasheet
268Kb / 2P
Hall Effect gear tooth speed sensor with adjustable stainless steel housing
logo
Banner Engineering Corp...
Q4X BANNER-Q4X Datasheet
1Mb / 11P
Stainless Steel Laser Sensor
logo
Turck, Inc.
BI1.5-EG08F-AG6X-H1341 TURCK-BI1.5-EG08F-AG6X-H1341 Datasheet
300Kb / 3P
Inductive sensor Stainless steel front
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
Stainless Steel housing
logo
Greystone Energy System...
PS-TE200AS GREYSTONE-PS-TE200AS Datasheet
187Kb / 1P
STAINLESS STEEL SURFACE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com