Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E39-R4
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E39-R4 Datasheet HTML 8Page - Omron Electronics LLC E39-R4 Datasheet HTML 9Page - Omron Electronics LLC E39-R4 Datasheet HTML 10Page - Omron Electronics LLC E39-R4 Datasheet HTML 11Page - Omron Electronics LLC E39-R4 Datasheet HTML 12Page - Omron Electronics LLC E39-R4 Datasheet HTML 13Page - Omron Electronics LLC E39-R4 Datasheet HTML 14Page - Omron Electronics LLC E39-R4 Datasheet HTML 15Page - Omron Electronics LLC E39-R4 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
E3S-A
12
Dimensions
E3S-A Built-in Amplifier Photoelectric Sensor
Note: Models numbers for Through-beam Sensors (E3S-AT
@1) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3S-AT11-L 2M), the model number of the Receiver, by adding "-D"
(example: E3S-AT11-D 2M). Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
Through-beam Sensors (Horizontal)
Pre-wired Sensors
(Unit: mm)
Unless otherwise specified, the tolerance class IT16 is used for dimensions in this data sheet.
3.1
Stainless steel
(SUS304)
7.2
5
20
30
10.5
7.2
16.9
28.9
29.2
5.5
1.2
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
10.7
A*
Two, M3
× 12 screws
With Mounting Bracket Attached
E3S-AT11/21/31/41 (Receiver)
Emitter: E3S-AT
@@-L
Receiver: E3S-AT
@@-D
*1. Not applicable to Sensors with timer adjusters (E3S-AT11 and E3S-AT31).
*2. The E3S-AT11 or E3S-AT31 has three conductors.
Lens (7
× 7)
Optical axis
Two, M3
× 12 screws
1.3
10.5
20
8
21
40
12.9
7
5.5
(4)
8.8 dia.
12
12.4
Sensitivity adjuster (white)
Light indicator
(red)
Stability indicator (green)
Timer adjuster (black) *1
Operation mode
selector switch
Two, M3 holes
20
4-dia. vinyl-insulated
round cable with
4 conductors
(Conductor cross
section: 0.2 mm2,
Insulator diameter:
1.1 mm),
Standard length: 2 m *2
Mounting Holes
E3S-AT11/31 (Emitter)
29.2
5.5
1.2 10.7
3.1
7.2
5
20
30
10.5
7.2
16.9
28.9
Stainless steel
(SUS304)
*The Mounting Bracket can be attached to side A.
Optical axis
Optical
axis
A*
Two, M3
× 12 screws
With Mounting Bracket Attached
3.1
7.2
5
20
30
10.5
7.2
16.9
28.9
Optical
axis
E3S-AT21/41(Emitter)
1.3
10.5
20
8
21
Power indicator (red)
40
17.8
(4)
12
12.4
40
12.9
12.5
(4)
8.8 dia.
12
10.5
20
12.4
Turbo switch
20
Lens (7
× 7)
Optical axis
Two, M3
× 12 screws
Two, M3 holes
4-dia. vinyl-insulated
round cable with
2 conductors
(Conductor cross
section: 0.2 mm2,
Insulator diameter:
1.1 mm),
Standard length: 2 m
Power indicator (red)
4-dia. vinyl-insulated round
cable with 3 conductors
(Conductor cross section:
0.2 mm2,
Insulator diameter: 1.1 mm),
Standard length: 2 m
8.8 dia.
Mounting Holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com