Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJ71QC24N-R4 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # AJ71QC24N-R4
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

AJ71QC24N-R4 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button AJ71QC24N-R4 Datasheet HTML 16Page - Omron Electronics LLC AJ71QC24N-R4 Datasheet HTML 17Page - Omron Electronics LLC AJ71QC24N-R4 Datasheet HTML 18Page - Omron Electronics LLC AJ71QC24N-R4 Datasheet HTML 19Page - Omron Electronics LLC AJ71QC24N-R4 Datasheet HTML 20Page - Omron Electronics LLC AJ71QC24N-R4 Datasheet HTML 21Page - Omron Electronics LLC AJ71QC24N-R4 Datasheet HTML 22Page - Omron Electronics LLC AJ71QC24N-R4 Datasheet HTML 23Page - Omron Electronics LLC AJ71QC24N-R4 Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
EJ1
23
I/O Devices
Examples of EJ1-series Temperature Controllers/Output Devices
SW2
SW1
ERROR
OCC
SD/RD
READY
G3ZA
SSR
SSR
Eight Units max.
∗
SSR
SSR
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC2
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC2
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC2
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC2
BCDE
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC2
DEF
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC2
DEF
EJ1
G3ZA
Multi-channel Power Controller
EJ1N-TC2
@-QNHB
EJ1N-TC4
Temperature controller
Voltage output
terminal
(for driving SSR)
SSR
INPUT
LOAD
Load
Heater
Load
power
supply
G3PF (SSRs with built-in CTs)
Rated input voltage:
12 to 24 VDC
3
4
3
2
Converters, Digital Panel Meters, Flow Meters,
Infrared Thermosensors, Displacement Sensors
240 VAC, 25 A or 35 A
480 VAC, 25 A or 35 A
240 VAC, 10 A, 20 A, 40 A, or 60 A
480 VAC, 20 A, 30 A, or 50 A
240 VAC, 5 A, 10 A, 20 A, 40 A, 75 A, or 90 A
480 VAC, 10 A, 20 A, 40 A, 75 A, or 90 A
AGHTU
OMR
ON
AGHTUR
WNBVCDSIOLHGF
AGHTUR
WNBVCDSIOLHGF
AGHTUR
WNBVCDSIOLHGF
AGHTUR
WNBVC
AGHTUR
WNBVC
AGHTU
A
A
A
A
OMRON
AGHTUR
WNBVC
AGHTUR
AG
AG
AGHT
G3PE (Single Phase)
Ultra-compact and slim
model combined with a
heat radiator
Rated input voltage:
12 to 24 VDC
240 VAC, 15 A, 25 A, 35 A, or 45 A
480 VAC, 15 A, 25 A, 35 A, or 45 A
G3PE (Three Phase)
Three-phase batch
control combined with
heat radiator
Rated input voltage:
12 to 24 VDC
240 or 480 VAC, 15 A, 25 A, 35 A, or 45 A
G3PA
Ultra-compact and slim
model combined with a
heat radiator
Rated input voltage:
240 V: 5 to 24 VDC
480 V: 12 to 24 VDC
Analog quantities, such as temperature,
flow rate, and concentration
ES1B
Infrared Thermosensor
Thermocouple/Platinum
Resistance Thermometer E52
G3NA
Standard model
with screw terminals
Rated input voltage:
5 to 24 VDC
G3NE
Rated input voltage:
12 VDC
240 VAC, 5 A, 10 A, or 20 A
3
∗The G3ZA is available with 4 or 8 control
points.
4
G3PH
For controlling
high-power heaters
Rated input voltage:
5 to 24 VDC
240 VAC, 75 A or 150 A
480 VAC, 75 A or 150 A
Input device/sensor
Can be directly
connected.
1
Special Cable
(Communications)
ES2-HB-N Humidity Sensor
ES2-THB-N Temperature/Humidity Sensor
Number of SSRs That Can
be Connected in Parallel
Compact low-cost
models with quick-
connect terminals
• Concept behind the Number of SSRs That
Can Be Connected in Parallel
(A): The maximum load current for the voltage
output (to drive SSRs) for the Temperature
Controller is 21 mA.
(B): The input impedance for SSRs is 7 mA
(G3NA).
In this case, the number of SSRs that can
be connected in parallel is (A)
÷ (B),
therefore 3.
The maximum load current in the connection
example is 21 mA.
EJ1N-TC2
@-CNB
Two-channel SSR outputs can be
connected to models with
TC2
@-QNHB.
The number of SSRs that can be
connected for each channel is listed
on the right.
Four-channel SSR outputs can be
connected to models with TC4.
The number of SSRs that can be
connected for each channel is listed
on the right.
· Two current output channels can
be connected to the TC2
@-CNB.
Four 480-VAC
models
(10 A/20 A/40A)
One 240-VAC
model
(75 A/95 A)
· Up to eight G3ZA or G3PW can be
connected to each Basic Unit.
Can be mounted side by side
*
ADJ
SET
EV
B(+)
A(-)
RS-485
REMOTE SET
DUTY SET
EVENT
RESET
ALARM1(NPN)
ALARM2(NPN)
G3PW
ENT
RST
LN
45
12
3
100-240VAC
1-5V
+-
+-
4-20mA
%(IN)
%(DUTY)
%(OUT)
%(PHASE)
A
COMM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADJ
SET
EV
B(+)
A(-)
RS-485
REMOTE SET
DUTY SET
EVENT
RESET
ALARM1(NPN)
ALARM2(NPN)
G3PW
ENT
RST
LN
45
12
3
100-240VAC
1-5V
+-
+-
4-20mA
%(IN)
%(DUTY)
%(OUT)
%(PHASE)
A
COMM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADJ
SET
EV
B(+)
A(-)
RS-485
REMOTE SET
DUTY SET
EVENT
RESET
ALARM1(NPN)
ALARM2(NPN)
G3PW
ENT
RST
LN
45
12
3
100-240VAC
1-5V
+-
+-
4-20mA
%(IN)
%(DUTY)
%(OUT)
%(PHASE)
A
COMM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Special Cable
(Communications)
Single-phase Power Controller
G3PW
* Side-by-side mounting is possible only for
20 A or 45 A models.
Built-in CT for heater
burnout detection and SSR
short-circuit detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com