Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R5 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E39-R5
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R5 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E39-R5 Datasheet HTML 1Page - Omron Electronics LLC E39-R5 Datasheet HTML 2Page - Omron Electronics LLC E39-R5 Datasheet HTML 3Page - Omron Electronics LLC E39-R5 Datasheet HTML 4Page - Omron Electronics LLC E39-R5 Datasheet HTML 5Page - Omron Electronics LLC E39-R5 Datasheet HTML 6Page - Omron Electronics LLC E39-R5 Datasheet HTML 7Page - Omron Electronics LLC E39-R5 Datasheet HTML 8Page - Omron Electronics LLC E39-R5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
E3S-A
Mounting Brackets/Other
Some Mounting Brackets are provided with the Sensor. Order other Mounting Brackets separately if required.
Note: If a Through-beam Model is used, order two Mounting Brackets, one for the Emitter and one for the Receiver.
*1. Mount a Sensor with a Connector carefully because the Sensor I/O Connector will come into contact with the Mounting Bracket or Mounting Plate.
*2. Usage is not possible with Sensors with Connectors.
Sensors I/O Connectors
Sensors I/O Connectors
Note: When using Through-beam models, order one connector for the Receiver and one for the Emitter.
Appearance
Model
Quantity
Remarks
E39-L69
1
Provided with E3S-A Horizontal Sensors.
Two Brackets are provided with a Through-
beam Sensor.
E39-L70
1
Provided with E3S-A Vertical Sensors.
Two Brackets are provided with a Through-
beam Sensor.
E39-L59
1
Provided with E3S-A Vertical Pre-wired
Sensors.
E39-L81
1
Provided with E3S-A Vertical ConnectSor
Sensors.
E39-L97 *1
1
Protective Cover for Horizontal Sensors
E39-L98 *2
1
Protective Cover for Vertical Sensors
E39-L60
1
Close Mounting Plate:
Provided with E3S-A Connector Sensors.
Two Plates are provided with a Through-
beam Sensor.
Model
Quantity
Remarks
E39-G2
1
Provided with product.
Cable
Appearance
Cable type
Model
Standard
2 m
3-wire
XS2F-D421-DC0-F
5 m
XS2F-D421-GC0-F
2 m
XS2F-D422-DC0-F
5 m
XS2F-D422-GC0-F
Straight
L-shaped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com