Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5ED-RX4D6M-008 Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # E5ED-RX4D6M-008
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5ED-RX4D6M-008 Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button E5ED-RX4D6M-008 Datasheet HTML 23Page - Omron Electronics LLC E5ED-RX4D6M-008 Datasheet HTML 24Page - Omron Electronics LLC E5ED-RX4D6M-008 Datasheet HTML 25Page - Omron Electronics LLC E5ED-RX4D6M-008 Datasheet HTML 26Page - Omron Electronics LLC E5ED-RX4D6M-008 Datasheet HTML 27Page - Omron Electronics LLC E5ED-RX4D6M-008 Datasheet HTML 28Page - Omron Electronics LLC E5ED-RX4D6M-008 Datasheet HTML 29Page - Omron Electronics LLC E5ED-RX4D6M-008 Datasheet HTML 30Page - Omron Electronics LLC E5ED-RX4D6M-008 Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
E5ED/E5ED-B
27
*1. With set values 1, 4 and 5, the upper and lower limit values can be set independently for each alarm type, and are expressed as “L” and “H.”
*2. Set value: 1, Upper- and lower-limit alarm
*3. Set value: 4, Upper- and lower-limit range
*4. Set value: 5, Upper- and lower-limit with standby sequence
For Upper- and Lower-Limit Alarm Described Above *2
• Case 1 and 2
Always OFF when the upper-limit and lower-limit hysteresis overlaps.
• Case 3: Always OFF
*5. Set value: 5, Upper- and lower-limit with standby sequence
Always OFF when the upper-limit and lower-limit hysteresis overlaps.
*6. Refer to the E5
@D Digital Temperature Controllers User's Manual (Cat. No. H224) for information on the operation of the standby sequence.
*7. Refer to the E5
@D Digital Temperature Controllers User's Manual (Cat. No.H224) for information on the loop burnout alarm (LBA).
*8. Refer to the E5
@D Digital Temperature Controllers User's Manual (Cat. No. H224) for information on the PV change rate alarm.
*9. When heating/cooling control is performed, the MV absolute upper limit alarm functions only for the heating operation and the MV absolute
lower limit alarm functions only for the cooling operation.
LH
H<0, L>0
|H| < |L|
SP
Case 1
LH
H>0, L<0
|H| > |L|
SP
Case 2
L
H
H<0, L<0
SP
L
H
H<0, L>0
|H|
≥ |L|
SP
L
H
H>0, L<0
|H|
≤ |L|
SP
Case 3 (Always ON)
LH
H<0, L>0
|H| < |L|
SP
Case 1
LH
H>0, L<0
|H| > |L|
SP
Case 2
L
H
H<0, L<0
SP
L
L
H
H<0, L>0
|H|
≥ |L|
SP
H
H>0, L<0
|H|
≤ |L|
SP
Case 3 (Always OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com