Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G7L Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G7L
Description  Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L Datasheet(HTML) 2 Page - Omron Electronics LLC

  G7L Datasheet HTML 1Page - Omron Electronics LLC G7L Datasheet HTML 2Page - Omron Electronics LLC G7L Datasheet HTML 3Page - Omron Electronics LLC G7L Datasheet HTML 4Page - Omron Electronics LLC G7L Datasheet HTML 5Page - Omron Electronics LLC G7L Datasheet HTML 6Page - Omron Electronics LLC G7L Datasheet HTML 7Page - Omron Electronics LLC G7L Datasheet HTML 8Page - Omron Electronics LLC G7L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
G7L
G7L
2
Accessories (Order Separately)
Terminals
Contact form
Model
R99-07
E-brackets
P7LF-D DIN
Track
Mounting
Adapter
P7LF-06
Front-con
necting
Socket
Quick-connect
SPST-NO
G7L-1A-T
Yes
Yes
Yes
terminals
G7L-1A-TJ
Yes
Yes
Yes
DPST-NO
G7L-2A-T
Yes
Yes
Yes
G7L-2A-TJ
Yes
Yes
Yes
Screw terminals
SPST-NO
G7L-1A-B
Yes
Yes
No
G7L-1A-BJ
Yes
Yes
No
DPST-NO
G7L-2A-B
Yes
Yes
No
G7L-2A-BJ
Yes
Yes
No
Applicable Relay
Name
Model
G7L-1A-T/G7L-1A-TJ/G7L-1A-B/G7L-1A-BJ
E-bracket
R99-07
G7L-2A-T/G7L-2A-TJ/G7L-2A-B/G7L-2A-BJ
Adapter
P7LF-D
G7L-1A-T/G7L-1A-TJ/G7L-2A-T/G7L-2A-TJ
Front-connecting Socket
P7LF-06
G7L-1A-B/G7L-1A-BJ/G7L-1A-BUB/G7L-1A-BUBJ
G7L-2A-B/G7L-2A-BJ/G7L-2A-BUB/G7L-2A-BUBJ
Cover
P7LF-C
Model Number Legend
G7L -
-
12
34 , 5
1. Contact Form
1A: SPST-NO
2A: DPST-NO
2. Terminal Shape
T: Quick-connect terminals
P: PCB terminals
B: Screw terminals
3. Mounting Construction
Blank:
E-bracket
UB:
Upper bracket
4. Special Functions
Blank:
Standard mode
J:
With test button
5. Rated Coil Voltage
AC: 12, 24, 50, 100 to 120, 200 to 240
DC: 6, 12, 24, 48, 100
Application Examples
! Compressors for air conditioners and heater switching
controllers.
! Switching controllers for power tools or motors.
! Power controllers for water heaters.
! Power controllers for dryers.
! Lamp controls, motor drivers, and power supply switching in
copy machines, facsimile machines, and other office equipment.
! Lighting controllers.
! Power controllers for packers or food processing equipment.
! Magnetron control in microwaves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com