Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2R Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # G2R
Description  PCB Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC G2R Datasheet HTML 10Page - Omron Electronics LLC G2R Datasheet HTML 11Page - Omron Electronics LLC G2R Datasheet HTML 12Page - Omron Electronics LLC G2R Datasheet HTML 13Page - Omron Electronics LLC G2R Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
G2R
PCB Power Relay
G
2
R
■Approved Standards
• The approval rating values for overseas standards are different from the performance values determined individually. Confirm the
values before use.
UL Recognized:
File No. E41643
1-pole
2-pole
CSA Certified:
File No. LR31928
1-pole
2-pole
EN/IEC, VDE Certified:
Certificate No. 40015012
EN, TÜV Certified: Registration No. R50030327
Model
Contact
form
Coil ratings
Contact ratings
Number of
test
operations
G2R-1A
5 to 110 VDC
12 to 220 VAC
10 A, 250 VAC (General
Use) at 40°C
100,000
G2R-1A4
SPST-NO
(1a)
5 A, 277 VAC (General
Use) at 40°C
6,000
G2R-1A-H
G2R-1A-T
5 A, 30 VDC (Resistive)
at 40°C
100,000
G2R-1
SPDT
(1c)
G2R-14
G2R-1-H
TV-3 (N. O. only) at
40°C
25,000
G2R-1-T
G2R-1AZ
SPST-NO
(1a)
5 to 110 VDC
12 to 220 VAC
10 A, 250 VAC (General
Use) at 40°C
6,000
G2R-1AZ4
G2R-1Z
SPDT
(1c)
5 A, 30 VDC (Resistive)
at 40°C
G2R-1Z4
G2R-1A-E
SPST-NO
(1a)
5 to 110 VDC
12 to 220 VAC
16 A, 250 VAC (General
Use) at 40°C
30,000
G2R-1-E
SPDT
(1c)
16 A, 30 VDC
(Resistive) at 40°C
6,000
TV-3 (N. O. only) at
40°C
25,000
Model
Contact
form
Coil ratings
Contact ratings
Number of
test
operations
G2R-2A
DPST-NO
(2a)
5 to 110 VDC
12 to 220 VAC
5 A, 250 VAC (General
Use) at 40°C
6,000
G2R-2A4
G2R-2A-H
5 A, 30 VDC (Resistive)
at 40°C
100,000
G2R-2
DPDT
(2c)
G2R-24
TV-3 (N. O. only) at
40°C
25,000
G2R-24-H
Model
Contact
form
Coil ratings
Contact ratings
Number of
test
operations
G2R-1A
SPST-NO
(1a)
5 to 110 VDC
12 to 220 VAC
10 A, 250 VAC (General
Use) at 40°C
100,000
G2R-1A4
G2R-1A-H
G2R-1A-T
10 A, 30 VDC
(Resistive) at 40°C
100,000
G2R-1
SPDT
(1c)
G2R-14
G2R-1-H
TV-3 (N. O. only) at
40°C
25,000
G2R-1-T
G2R-1AZ
SPST-NO
(1a)
5 to 110 VDC
12 to 220 VAC
5 A, 250 VAC (General
Use) at 40°C
6,000
G2R-1AZ4
G2R-1Z
SPDT
(1c)
5 A, 30 VDC (Resistive)
at 40°C
G2R-1Z4
G2R-1A-E
SPST-NO
(1a)
16 A, 250 VAC (General
Use) at 40°C
6,000
5 to 110 VDC
12 to 220 VAC
16 A, 30 VDC
(Resistive) at 40°C
G2R-1-E
SPDT
(1c)
TV-3 (N. O. only) at
40°C
25,000
Model
Contact
form
Coil ratings
Contact ratings
Number of
test
operations
G2R-2A
DPST-NO
(2a)
5 to 110 VDC
12 to 220 VAC
5 A, 250 VAC (General
Use) at 40°C
6,000
G2R-2A4
G2R-2A-H
5 A, 30 VDC (Resistive)
at 40°C
100,000
G2R-2
DPDT
(2c)
G2R-24
TV-3 (N. O. only) at
40°C
25,000
G2R-24-H
Model
Contact
form
Coil ratings
Contact ratings
Number of
test
operations
G2R-1(A)-E
1
5, 6, 12, 24,
48, 100 VDC
12, 24,
100/110,
200/220 VAC
16 A, 250 VAC
(cos
φ = 1.0) at 70°C
100,000
G2R-( )
1
5, 6, 12, 24,
48, 100 VDC
12, 24,
100/110,
200/220 VAC
10 A, 250 VAC
(cos
φ = 1.0) at 40°C
10 A, 30 VDC (0 ms) at
40°C
2
5, 6, 12, 24,
48, 100 VDC
12, 24,
100/110,
200/220 VAC
5 A, 250 VAC
(cos
φ = 1.0) at 40°C
5 A, 30 VDC (0 ms) at
40°C
Model
Contact
form
Coil ratings
Contact ratings
Number of
test
operations
G2R-1(A)-E
1
5 to 110 VDC
12 to 220 VAC
16 A, 250 VAC
(cos
φ = 1.0) at 70°C
100,000
G2R-( )
1
5 to 110 VDC
12 to 220 VAC
10 A, 250 VAC
(cos
φ = 1.0) at 70°C
10 A, 30 VDC (0 ms) at
70°C
2
5 to 110 VDC
12 to 220 VAC
5 A, 250 VAC
(cos
φ = 1.0) at 40°C
5 A, 30 VDC (0 ms) at
40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com