Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # E39-R4
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button E39-R4 Datasheet HTML 19Page - Omron Electronics LLC E39-R4 Datasheet HTML 20Page - Omron Electronics LLC E39-R4 Datasheet HTML 21Page - Omron Electronics LLC E39-R4 Datasheet HTML 22Page - Omron Electronics LLC E39-R4 Datasheet HTML 23Page - Omron Electronics LLC E39-R4 Datasheet HTML 24Page - Omron Electronics LLC E39-R4 Datasheet HTML 25Page - Omron Electronics LLC E39-R4 Datasheet HTML 26Page - Omron Electronics LLC E39-R4 Datasheet HTML 27Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Photoelectric Sensors Technical Guide
Power Supply
When using a commercially available switching regulator, ground the
FG (frame ground) and G (ground) terminals.
If not grounded, switching noise in the power supply may cause
malfunction.
Example of Connection with S3D2 Sensor Controller
DC Three-wire NPN Output Sensors
Reverse operation is possible using the signal input switch on the
S3D2.
● Mounting
Attachment to Moving Parts
To mount the Photoelectric Sensor to a moving part, such as a robot
hand, consider using a Sensors that uses a bending-resistant cable
(robot cable).
Although the bending repetition tolerance of a standard cable is
approximately 13,000 times, robot cable has an excellent bending
tolerance of approximately 500,000 times.
Cable Bending Destruction Test (Tough Wire Breaking
Test)
With current flowing, bending is repeated to check the number of
bends until the current stops.
The testing conditions of the standard cable and robot cable are
different.
Refer to the values in the above table to check bend-resistant
performance under actual working conditions.
5
2
4
1
6
3
11
8
10
7
12
9
S3D2
Blue 0 V
Black OUT
Brown +12 V
Specimen
Standard cable
VR (H) 3 x18/0.12
Robot cable: Strong,
conductive electrical wire
2 x 0.15 mm2, shielded
Test
Bending
angle (
θ)
Left/right 90° each
Left/right 45° each
Bending
repetitions
---
60 bends/minute
Weight
300g
200g
Operation
per bending
(1) through (3) in
figure once
(1) through (3) in
figure once
Bending
radius of
support
points (R)
5 mm
2.5 mm
Result
Approx. 13,000 times
Approx. 500,000 times
Weight
R
(1)
(3)
(2)
θ
θ
http://www.ia.omron.com/
C-4
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com