Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P600
Description  6A Power Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P600 Datasheet HTML 1Page - List of Unclassifed Manufacturers P600 Datasheet HTML 2Page - List of Unclassifed Manufacturers P600 Datasheet HTML 3Page - List of Unclassifed Manufacturers P600 Datasheet HTML 4Page - List of Unclassifed Manufacturers P600 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P600 Series
6A Power Diodes
Page 2
31/05/05 V1.0
P600A
P600D P600G P600K P600M
Units
Maximum recurrent peak reverse voltage
50
200
400
800
1000
V
Maximum RMS voltage
35
140
280
560
700
Maximum DC blocking voltage
50
200
400
800
1000
Maximum average forward rectified current TA = 55°C
6.0
A
Maximum overload surge current at 1 cycle (Note 1)
400
Maximum forward voltage at 6.0A dc
1.0
V
Maximum DC reverse current at TA = 25°C
10
µA
Rated DC blocking voltage at TA = 100°C
1.0
mA dc
Typical junction capacitance (Note 3) CJ
150
pF
Typical thermal resistance (Note 2) R
θJA
Typical thermal resistance (Note 2) R
θJL
20.0
4.0
°C/W
Operating temperature range
-55 to +150
°C
Storage temperature range
Maximum Ratings and Electrical Characteristics:
At TA = 25°C unless otherwise specified. Single phase, half-wave, 60Hz, resistive or inductive load.
All values except maximum RMS voltage are registered JEDEC parameters.
NOTES:
1. Peak forward surge current, per 8.3ms single half-sine-wave superimposed on rated load (JEDEC method).
2. Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length PCB mounted with 1.1 × 1.1”
(30 × 30mm) copper pads.
3. Measured at 1MHz and applied reverse voltage of 4.0 volts.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com