Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ-SC Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # FZ-SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button FZ-SC Datasheet HTML 28Page - Omron Electronics LLC FZ-SC Datasheet HTML 29Page - Omron Electronics LLC FZ-SC Datasheet HTML 30Page - Omron Electronics LLC FZ-SC Datasheet HTML 31Page - Omron Electronics LLC FZ-SC Datasheet HTML 32Page - Omron Electronics LLC FZ-SC Datasheet HTML 33Page - Omron Electronics LLC FZ-SC Datasheet HTML 34Page - Omron Electronics LLC FZ-SC Datasheet HTML 35Page - Omron Electronics LLC FZ-SC Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
FH-Series
32
Ratings and Specifications (Cameras)
High-speed Digital CMOS cameras
*1 A lens recommended for a 1” image element should be used for an image element size equivalent to 2/3”. Vignetting may occur with a lens recommended for
a 2/3” image element.
*2 The image acquisition time does not include the image conversion processing time of the sensor controller.
*3 Frame rate in high speed mode when the camera is connected using two camera cables.
Digital CMOS Cameras
* The image acquisition time does not include the image conversion processing time of the sensor controller.
Model
FH-SM
FH-SC
FH-SM02
FH-SC02
FH-SM04
FH-SC04
FH-SM12
FH-SC12
Image elements
CMOS image elements
(1/3-inch equivalent)
CMOS image elements
(2/3-inch equivalent) *1
CMOS image elements
(1-inch equivalent)
CMOS image elements
(1.76-inch equivalent)
Color/Monochrome
Monochrome
Color
Monochrome
Color
Monochrome
Color
Monochrome
Color
Effective pixels
640 (H)
× 480 (V)
2040 (H)
× 1088 (V)
2040 (H)
× 2048 (V)
4084 (H)
× 3072 (V)
Pixel size
7.4 (
μm) × 7.4 (μm)
5.5 (
μm) × 5.5 (μm)
5.5 (
μm) × 5.5 (μm)
5.5 (
μm) × 5.5 (μm)
Shutter function
Electronic shutter;
Shutter speeds can be set from
20
μs to 100 ms.
Electronic shutter;
Shutter speeds can be set from 25
μs to 100 ms.
Electronic shutter;
Shutter speeds can be set from
60
μs to 100 ms.
Partial function
1 to 480 lines
2 to 480 lines
1 to 1088 lines
2 to 1088 lines
1 to 2048 lines
2 to 2048 lines
4 to 3072 lines
(4-line increments)
Frame rate
(Image Acquisition Time *2) 308 fps (3.3 ms)
219 fps (4.6 ms) *3
118 fps (8.5 ms) *3
38.9 fps (25.7 ms) *3
Lens mounting
C mount
M42 mount
Field of vision,
installation distance
Selecting a lens according to the field of vision and installation distance
Ambient temperature range Operating: 0 to 40
°C, Storage: -25 to 65 °C (with no icing or condensation)
Ambient humidity range Operating and storage: 35% to 85% (with no condensation)
Weight
Approx.105 g
Approx.110 g
Approx.320 g
Accessories
Instruction manual
Model
FH-SMX
FH-SCX
FH-SMX01
FH-SCX01
FH-SMX03
FH-SCX03
FH-SMX05
FH-SCX05
FH-SMX12
FH-SCX12
Image elements
CMOS image elements (1/2.9-inch equivalent)
CMOS image elements
(1/1.8-inch equivalent)
CMOS image elements
(2/3-inch equivalent)
CMOS image elements
(1.1-inch equivalent)
Color/Monochrome
Monochrome Color
Monochrome Color
Monochrome Color
Monochrome Color
Monochrome Color
Effective pixels
720 (H)
× 540 (V)
1440 (H)
× 1080 (V)
2046 (H)
× 1536 (V)
2448 (H)
× 2048 (V)
4092 (H)
× 3000 (V)
Pixel size
6.9 (
μm) × 6.9 (μm)
3.45 (
μm) × 3.45 (μm)
Shutter function
Electronic shutter;
Shutter speeds can be set from 1
μs to 100 ms.
Electronic shutter;
Shutter speeds can be set
from 15
μs to 100 ms.
Partial function
4 to 540 lines
(4-line increments)
4 to 1080 lines
(4-line increments)
4 to 1536 lines
(4-line increments)
4 to 2048 lines
(4-line increments)
4 to 3000 lines
(4-line increments)
Frame rate
(Image Acquisition Time *2) 523.6 fps (1.9 ms)
154.6 fps (6.5 ms)
151.4 fps (6.6 ms) *3
97.2 fps (10.3 ms) *3
40.1 fps (24.9 ms) *3
Lens mounting
C mount
Field of vision,
installation distance
Selecting a lens according to the field of vision and installation distance
Ambient temperature
range
Operating: 0 to 50
°C,
Storage: -20 to 65
°C
(with no icing or
condensation)
Operating: 0 to 45
°C,
Storage: -20 to 65
°C
(with no icing or
condensation)
Operating: 0 to 40
°C,
Storage: -20 to 65
°C
(with no icing or
condensation)
Operating: 0 to 40
°C,
Storage: -20 to 65
°C
(with no icing or condensation)
Ambient humidity range Operating and storage: 35% to 85% (with no condensation)
Weight
Approx.48 g
Approx.85 g
Accessories
Instruction manual, General Compliance Information and Instructions for EU
Model
FH-SM05R
FH-SC05R
FH-SM21R
FH-SC21R
FZ-S5M3
FZ-SC5M3
Image Elements
CMOS image elements (1/2.5-inch equivalent) CMOS image elements (1-inch equivalent)
CMOS image elements (2/3-inch equivalent)
Color/Monochrome
Monochrome
Color
Monochrome
Color
Monochrome
Color
Effective Pixels
2592 (H) × 1944 (V)
5544 (H) × 3692 (V)
2448 (H) × 2048 (V)
Pixel Size
2.2 (
μm) × 2.2 (μm)
2.4 (
μm) × 2.4 (μm)
3.45 (
μm) × 3.45 (μm)
Scan Type
Progressive
Shutter Method
Rolling shutter (Global reset mode supported)
Global shutter
Shutter Function
Electronic shutter;
Shutter speeds can be set from 500
μs to
100 ms in multiples of 50
μs
Electronic shutter;
Shutter speeds can be set from 50
μs to 100 ms.
Electronic shutter;
Shutter speeds can be set from 20
μs to 100 ms.
Partial function
4 to 1944 lines (2-line increments)
1848 to 3692 lines
4 to 2048 lines
Frame rate
(Image Acquisition Time *) 14 fps (71.7ms)
23.5 fps (42.6ms)
25.6 fps (38.2ms)
Lens Mounting
C mount
Field of vision,
Installation distance
Selecting a lens according to the field of vision and installation distance
Ambient temperature
range
Operating: 0 to +40
°C
Storage: -30 to 65
°C
(with no icing or condensation)
Operating: 0 to +40
°C
Storage: -20 to 65
°C
(with no icing or condensation)
Operating: 0 to +40
°C
Storage: -30 to 65
°C
(with no icing or condensation)
Ambient humidity range Operating: 35 to 85%RH, Storage: 35 to 85%RH (with no condensation)
Weight
Approx. 52 g
Approx. 85 g
Accessories
Instruction Sheet
Instruction Sheet, General Compliance Information and Instructions for EU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com