Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9SX-AD322-T150-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G9SX-AD322-T150-R
Description  Hall Coded Non-contact Safety Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SX-AD322-T150-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  G9SX-AD322-T150-R Datasheet HTML 1Page - Omron Electronics LLC G9SX-AD322-T150-R Datasheet HTML 2Page - Omron Electronics LLC G9SX-AD322-T150-R Datasheet HTML 3Page - Omron Electronics LLC G9SX-AD322-T150-R Datasheet HTML 4Page - Omron Electronics LLC G9SX-AD322-T150-R Datasheet HTML 5Page - Omron Electronics LLC G9SX-AD322-T150-R Datasheet HTML 6Page - Omron Electronics LLC G9SX-AD322-T150-R Datasheet HTML 7Page - Omron Electronics LLC G9SX-AD322-T150-R Datasheet HTML 8Page - Omron Electronics LLC G9SX-AD322-T150-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
F3S-TGR-N
@C
5
Specifications
Mechanical data
Electrical data
Reliability data
Approved standards
Plastic housing
Stainless steel housing
Indicator
–
LED
Operating distance
OFF
 ON (Sao)
8 mm: NMPC, NBPC
10 mm: NLPC, NSPC
8 mm: NMHC, NBMC
10 mm: NLMC, NSMC, NSHC, NSFC
ON
 OFF (Sar)
12 mm: NMPC, NBPC
20 mm: NLPC, NSPC
12 mm: NMHC, NBMC
20 mm: NLMC, NSMC, NSHC, NSFC
Recommended setting gap
–
5mm
Actuator approach speed
Min.
4 mm/s
Max.
1,000 mm/s
Switching frequency
Max.
1Hz
Operating temperature
–
–25 to 80°C
–25 to 105°C
Enclosure protection
Flying lead
IP69K
M12 connector
IP67
Cable material
Flying lead
PVC, 8 core, Ø 6 mm o.d.
M12 connector
250 mm, PVC, Ø 6 mm o.d.
Mounting bolts
–
2 × M4
Tightening torque for
mounting bolts
Max.
1 Nm
Shock resistance
(IEC 68-2-27)
–
11 ms, 30 g
Vibration resistance
(IEC 68-2-6)
–
10 to 55 Hz, 1 mm
Material
–
Black polyester
Stainless steel 316
Plastic housing
Stainless steel housing
Sensor technology
–
Hall
Serial switching
–
up to 20 pcs. in series
Power supply
–
24 VDC ±10%
Rated loads
NC contacts Max.
0.2 A @ 24 VDC
NO contact Max.
0.2 A @ 24 VDC
Dielectric withstand
–
250 VAC
Insulation resistance
–
100 M
Switching current
Min.
1 mA, 10 VDC
Plastic housing
Stainless steel housing
EN ISO 13849-1
up to PLe depending upon system architecture
EN 62061
up to SIL3 depending upon system architecture
PFHd
2.52 × 10-8
Proof test interval (Life)
47 years
MTTFd (@ nop: 8 cycles per hour)
470 years
EN standards certified by TÜV Rheinland
EN ISO13849-1
EN 60204-1
EN ISO 14119
EN/IEC 60947-5-3
UL 508, CSA C22.2
BS 5304
EN 1088 conformance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com