Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-5-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-5-R
Description  Compact Magnetic Non-contact Safety Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-5-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  F39-TGR-CVL-B-5-R Datasheet HTML 1Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 2Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 3Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 4Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 5Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 6Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 7Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 8Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
F3S-TGR-N
@C
Connection diagram
Cable version
M12-Connector version
Operating characteristics
red
blue
white
black
yellow
green
brown
orange
+24 VDC
NC Channel 1, +
NO Channel, -
NC Channel 2, +
GND
NC Channel 1, -
NO Channel +
NC Channel 2, -
Pin No.
Signal name
Brown
Green
White
Blue
Yellow
Pink
Grey
Red
2
3
1
7
4
6
5
8
Pin No.
Signal name
Wire color (F39-TGR-SB4-CVLB)
+24 VDC
NC Channel 1, +
NO Channel, -
NC Channel 2, +
GND
NC Channel 1, -
NO Channel +
NC Channel 2, -
7
1
6
5
4
3
2
8
5 mm misalignment tolerance after setting
-5
-4
-3
L
-2
-1
0
1
2
3
4
5
E14E-EN-02+F3S-TGR-N_C+CodedTyp+Datasheet.fm Seite 5 Montag, 25. August 2008 10:56 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com