Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-10-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-10-R
Description  Compact Magnetic Non-contact Safety Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-10-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  F39-TGR-CVL-B-10-R Datasheet HTML 1Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 2Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 3Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 4Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 5Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 6Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 7Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 8Page - Omron Electronics LLC F39-TGR-CVL-B-10-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Safety Sensors / Components
Ordering Information
Elongated Sensors
Type
Cable Connection
Contact Configuration
F3S-TGR-NLPC-20-02
2 m pre-wired
2NC
F3S-TGR-NLPC-20-05 *
*. Preferred stock items.
5 m pre-wired
2NC
F3S-TGR-NLPC-20-10
10 pre-wired
2NC
F3S-TGR-NLPC-20-M1J8
M12, 8-pin
2NC
F3S-TGR-NLPC-21-02
2 m pre-wired
2NC/1NO
F3S-TGR-NLPC-21-05 *
5 m pre-wired
2NC/1NO
F3S-TGR-NLPC-21-10
10 pre-wired
2NC/1NO
F3S-TGR-NLPC-21-M1J8
M12, 8-pin
2NC/1NO
Small Sensor
Type
Cable Connection
Contact Configuration
F3S-TGR-NSMC-20-02
2 m pre-wired
2NC
F3S-TGR-NSMC-20-05 *
*. Preferred stock items.
5 m pre-wired
2NC
F3S-TGR-NSMC-20-10
10 pre-wired
2NC
F3S-TGR-NSMC-20-M1J8
M12, 8-pin
2NC
F3S-TGR-NSMC-21-02
2 m pre-wired
2NC/1NO
F3S-TGR-NSMC-21-05 *
5 m pre-wired
2NC/1NO
F3S-TGR-NSMC-21-10
10 pre-wired
2NC/1NO
F3S-TGR-NSMC-21-M1J8
M12, 8-pin
2NC/1NO
Miniature Sensor
Type
Cable Connection
Contact Configuration
F3S-TGR-NMPC-20-02
2m pre-wired
2NC
F3S-TGR-NMPC-20-05 *
*. Optional cable exit to the right is available for F3S-TGR-NMPC - types. Please contact your Omron distributor
5m pre-wired
2NC
F3S-TGR-NMPC-20-10
10m pre-wired
2NC
F3S-TGR-NMPC-20-M1J8
M12, 8pin
2NC
F3S-TGR-NMPC-21-02
2m pre-wired
2NC/1NO
F3S-TGR-NMPC-21-05 *
5m pre-wired
2NC/1NO
F3S-TGR-NMPC-21-10
10m pre-wired
2NC/1NO
F3S-TGR-NMPC-21-M1J8
M12, 8pin
2NC/1NO
E14E-EN-02+F3S-TGR-N_C+CodedTyp+Datasheet.fm Seite 2 Montag, 25. August 2008 10:56 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com