Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ-S2M/SC2M Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # FZ-S2M/SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-S2M/SC2M Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button FZ-S2M/SC2M Datasheet HTML 20Page - Omron Electronics LLC FZ-S2M/SC2M Datasheet HTML 21Page - Omron Electronics LLC FZ-S2M/SC2M Datasheet HTML 22Page - Omron Electronics LLC FZ-S2M/SC2M Datasheet HTML 23Page - Omron Electronics LLC FZ-S2M/SC2M Datasheet HTML 24Page - Omron Electronics LLC FZ-S2M/SC2M Datasheet HTML 25Page - Omron Electronics LLC FZ-S2M/SC2M Datasheet HTML 26Page - Omron Electronics LLC FZ-S2M/SC2M Datasheet HTML 27Page - Omron Electronics LLC FZ-S2M/SC2M Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
FH-Series
24
Connection Configuration
*4 Select the Camera Cables between the Controller and Extension Unit, between the Extension Units, and between the Extension Unit and Camera according to the
connected Camera.
Different types or lengths of Camera Cables can be used for (1), (2), and (3) as well as for (4), (5), and (6). However, the type and length of Camera Cable (1) must
be the same as those of Camera Cable (4), (2) must be the same as (5), and (3) must be the same as (6).
Monitor
* FH Series Sensor Controllers version 5.32 or higher is required.
Monitor Cables
*1 Insert the cables length into
@ in the model number as follows. 2 m = 2, 5 m = 5, 10 m = 10
*2 Insert the cables length into
@@@ in the model number as follows. 2 m = 200, 5 m = 500, 10 m = 010.
A video signal cable and an operation signal cable are required to connect the Touch Panel Monitor.
Parallel I/O Cables/Encoder Cable
*1 2 Cables are required for all I/O signals.
*2 Insert the cables length into
@ in the model number as follows. 2 m = 2, 5 m = 5, 15 m = 15
*3 Insert the cables length into
@@@ in the model number as follows. 0.5 m = 050, 1 m = 100, 1.5 m = 150, 2 m = 200, 3 m = 300, 5 m = 500
*4 Refer to the XW2K Series Datasheet (Cat. No. G152) for details.
Connection configuration using the maximum length of Camera Cables
Remarks
Item
Descriptions
Model
Touch Panel Monitor 12.1 inches
For FH Sensor Controllers *
FH-MT12
LCD Monitor 8.4 inches
FZ-M08
Item
Descriptions
Model
DVI-Analog Conversion Cable for Touch Panel Monitor/LCD Monitor
Cable length: 2 m, 5 m or 10 m
FH-VMDA
@M *1
RS-232C Cable for Touch Panel Monitor
Cable length: 2 m, 5 m or 10 m
XW2Z-
@@@PP-1 *2
USB Cable for Touch Panel Monitor
Cable length: 2 m or 5 m
FH-VUAB
@M *1
Signal
Cable
2 m
5 m
10 m
Video signal
DVI-Analog Conversion Cable
Yes
Yes
Yes
Touch panel operation
signal
USB Cable
Yes
Yes
No
RS-232C Cable
Yes
Yes
Yes
Item
Descriptions
Model
Parallel I/O Cable *1
Cable length: 2m, 5m or 15m
XW2Z-S013-
@ *2
Parallel I/O Cable for Connector-terminal Conversion Unit *1
Cable length: 0.5 m, 1 m, 1.5 m, 2 m, 3 m, 5 m
Connector-Terminal Block Conversion Units can be connected
(Terminal Blocks Recommended Products: OMRON XW2K-34G-T)
XW2Z-
@@@EE *3
Ultra-Compact Interface Wiring System (General-Purpose)
XW2K-34G-T *4
Encoder Cable for line-driver
Cable length: 1.5 m
FH-VR 1.5M
15 m
(1)
15 m
(2)
15 m
(3)
*4
15 m
(1)
15 m
(4)
15 m
(2)
15 m
(5)
15 m
(3)
15 m
(6)
*4
CH1
CH2
Camera cable
connector CH2
Camera cable
connector
CH1
5 m
(1)
5 m
(2)
5 m
(3)
*4
5 m
(1)
5 m
(2)
5 m
(3)
5 m
(4)
5 m
(5)
5 m
(6)
*4
CH1
CH2
Camera cable
connector CH2
Camera cable
connector
CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com