Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R Datasheet(PDF) 68 Page - Omron Electronics LLC

Part # E32-R
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R Datasheet(HTML) 68 Page - Omron Electronics LLC

Back Button E32-R Datasheet HTML 64Page - Omron Electronics LLC E32-R Datasheet HTML 65Page - Omron Electronics LLC E32-R Datasheet HTML 66Page - Omron Electronics LLC E32-R Datasheet HTML 67Page - Omron Electronics LLC E32-R Datasheet HTML 68Page - Omron Electronics LLC E32-R Datasheet HTML 69Page - Omron Electronics LLC E32-R Datasheet HTML 70Page - Omron Electronics LLC E32-R Datasheet HTML 71Page - Omron Electronics LLC E32-R Datasheet HTML 72Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
Fiber Amplifiers, Communications Unit and Accessories
E3NX-FA
68
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
69
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
68
69
Pre-wired Amplifier Units
E3NX-FA11
E3NX-FA21
E3NX-FA41
E3NX-FA51
68-A
Amplifier Units with Wire-saving Connectors
E3NX-FA6
E3NX-FA7
E3NX-FA7TW
E3NX-FA8
E3NX-FA9
E3NX-FA9TW
68-B
Amplifier Unit with Connector for Sensor Communications Unit
E3NX-FA0
69-B
Dimensions
(Unit: mm)
Tolerance class IT16 applies to demmensions in this date sheet unless otherwise specified.
Amplifier Units with M8 Connector
E3NX-FA24
E3NX-FA54
E3NX-FA54TW
69-A
4.2
6.9
10
5.7
4.5
21
4.8
5.2
21.7
27.1
1
2
3
4
27.8
12.7
(37)
33.5
3.4
(5.7) (16.5)
5.1
16
3.4
4.4
(29.9)
16
5.1
71.8
3.4
4.9
71.8
(20.3)
20.5
(37.9)
16
(9.4)
(20.5)
20.5
(37.9)
4.3
OUT2 selection indicator
OUT1 selection indicator
L/D indicator
DPC indicator
ST indicator
Incident level
(white, digital)
Threshold level
(green, digital)
OUT1 indicator
OUT2 indicator
E3NX-FA54TW
E3NX-FA24/FA54
L/D indicator DPC indicator ST indicator
Incident level
(white, digital)
OUT indicator
Threshold level (green, digital)
With Mounting Bracket Attached
Mounted to DIN Track
104.8
(max. value
with cover
open)
PFP- N DIN Track
(sold separately)
Mounting Holes
Optical communications
Two, M3 holes
M8 Connector
Two, 3.2 dia.
(mounting holes)
E39-L143 Mounting Bracket (sold separately, SUS304)
Two,
2.4-dia.
fiber unit holes
147.1 (max. value with cover open)
170° (max. value with cover open)
Connector pin
arrangement
Two-M3
(37)
33.5
3.4
(16.5)
3.4
4.4
(37)
33.5
3.4
(16.5)
5.1
71.8
E3NX-FA11/FA41
21
Incident level
(white, digital)
Threshold level
(green, digital)
OUT1 indicator
L/D indicator
DPC indicator
ST indicator
OUT2 indicator
E3NX-FA21/FA51
OUT2
selection indicator
OUT1
selection indicator
104.8
(max. value
with cover
open)
10
5.7
4.5
Two,
2.4 dia.
16
170° (max. value with cover open)
27.8
L/D indicator
DPC indicator
ST indicator
Incident level
(white, digital)
OUT indicator
Threshold level
(green, digital)
21.7
27.1
12.7
(20.3)
20.5
(37.9)
*
5.1
16
71.8
(29.9)
16
12.7
20.5
(9.4)
4.3
*
*Cable Specifications
Mouting Holes
With Mounting Braket Attached
Mounted to DIN Track
4.0 dia.
3
Outer
diameter
Number of
conductors
Others
Conductor cross-section: 0.2 mm2
Insulator dia.: 0.9 mm
Standard length: 2 m
Minimum bending radius: 12 mm
4.0 dia.
5
Fiber Attachment
(E39-F9) attached
Optical communications
PFP- N DIN Track
(sold separately)
PFP- N DIN Track
(sold separately)
Optical communications
E39-L143 Mounting Bracket
(sold separately, SUS304)
Two, 3.2 dia.
Holes
147.1 (max. value with cover open)
104.8
(75.3)
(75.3)
Optical
communications
E39-L143 Mounting Bracket
(sold separately, SUS304)
Two, 3.2 dia.
Holes
Fiber Attachment
(E39-F9) attached
E3X-CN12
2.6 dia.
1
Models
Outer
diameter
Number of
conductors
E3X-CN22
4.0 dia.
2
E3X-CN11
3
E3X-CN21
4
5.1
(16.5)
3.4
(37)
33.5
(13)
Optical
communications
5.7
4.5
21.7
27.1
L/D indicator
DPC indicator
ST indicator
Incident level
(white digital display)
OUT indicator
Threshold level
(green, digital)
E3NX-FA6/FA7/FA8/FA9
27.8
21
E3NX-FA7TW/FA9TW
L/D indicator
DPC indicator
ST indicator
Incident level
(white, digital)
Threshold level
(green, digital)
OUT1 selection indicator
OUT1 indicator
OUT2 indicator
OUT2 selection indicator
Two,
2.4 dia.
170°(max. value with cover open)
20.5
(37.9)
(23.8)
Two-M3
16
*
5.1
(16.5)
16
(9.4)
3.4
33.5
4.3
(13)
Wire-saving Connector
(sold separately)
Wire-saving Connector
(sold separately)
16
4.4
3.4
(29.9)
20.5
*
*Cable Specifications
(37)
With Mounting Braket Attached
Mounted to DIN Track
Mouting Holes
10
5.1
3.4
33.5
(37.9)
90.8
(39.3)
(29.9)
26
Optical communications
10
5.7
4.5
13.8
11.5
27.8
21
ST indicator
Incident level
(white, digital)
OUT1 selection indicator
Threshold level
(green, digital)
OUT1 indicator
OUT2
indicator
OUT2
selection indicator
L/D indicator
DPC indicator
(16.5)
20.5
140 (max. value with cover open)
152°(max. value with cover open)
104.8
Two,
2.4 dia.
Fiber Attachment
(E39-F9) attached
(37)
Mounted to DIN Track
(max. value
with cover
open)
(max. value
with cover
open)
PFP- N DIN Track
(sold separately)
147.1 (max. value with cover open)
E3NX-FA11
Models
E3NX-FA41
E3NX-FA21
E3NX-FA51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com