Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1390 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1390
Description  RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1390 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1390 Datasheet HTML 1Page - STMicroelectronics SD1390 Datasheet HTML 2Page - STMicroelectronics SD1390 Datasheet HTML 3Page - STMicroelectronics SD1390 Datasheet HTML 4Page - STMicroelectronics SD1390 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYP ICAL COLLE CTOR LOAD
IMP E DANC E
TYP ICAL INP UT
IMP E DANCE
ZIN
ZCL
C1
:
Trim Capacitor GKU10056 2.8-10pf
C2, C6 :
Chip Capacitor LCC AC12CE221J / 220pf
C3
:
Chip Capacitor VITRAMON ”High Q” / 15+4.7pf
C4,C5 :
Chip Capacitor LCC AC 12CE270J / 27 pf
C7,C9,C11:
C12
:
Chip Capacitor LCC AC20CD102K+AC12CE220J / 1nF+220 pf
C8,C10 :
C13
:
Tantle 10 mF, 35V
L1
:
Microstrip lin W = 2.1 mm, L = 10mm
L2
:
Microstrip line W = 1.0mm, L = 26mm
L3
:
Microstrip line W = 10mm, L = 10mm
L4
:
Microstrip line W = 8.0mm, L = 5mm
L5
:
Microstrip line W = 8.0mm, L = 5mm
L6
:
Microstrip line W = 1.0mm, L = 15mm
L7
:
Microstrip line W = 1.0mm, L = 30mm
L8
:
4 Tu rns ID = 2.5mm, 0.5mm Wire
L9
:
11 turns ID = 2. 5mm, 0.5 mm Wire
L10 :
2 Tu rns ID = 5.0mm, 1.0mm Wire
L11 :
Choke
R1
:
220 ohms - 1/4 Watts
IMPEDANCE DATA
FREQ.
ZIN(
Ω)ZCL(Ω)
400 MHz
2.8 + j 3.0
33 + j 47
430 MHz
2.6 + j 4.0
36 + j 49
470 MHz
2.4 + j 4.5
41 + j 52
500 MHz
2.0 + j 5.0
45 + j 54
TEST CIRCUIT
SD1390
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com